Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FV32KA304 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC24FV32KA304
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA304 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC24FV32KA304 Datasheet HTML 5Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 6Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 7Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 8Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 9Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 10Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 11Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 12Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 9
PIC24FV32KA304 FAMILY
Pin Diagrams
Pin
Pin Features
PIC24FVXXKA304
PIC24FXXKA304
1
SDA1/T1CK/U1RTS/CTED4/CN21/RB9
SDA1/T1CK/U1RTS/CTED4/CN21/
RB9
2
U1RX/CN18/RC6
U1RX/CN18/RC6
3
U1TX/CN17/RC7
U1TX/CN17/RC7
4
OC2/CN20/RC8
OC2/CN20/RC8
5
IC2/CTED7/CN19/RC9
IC2/CTED7/CN19/RC9
6
IC1/CTED3/CN9/RA7
IC1/CTED3/CN9/RA7
7VCAP
INT2/RA6
8n/c
n/c
9
PGED2/SDI1/CTED11/CN16/RB10
PGED2/SDI1/CTED11/CN16/RB10
10
PGEC2/SCK1/CTED9/CN15/RB11
PGEC2/SCK1/CTED9/CN15/RB11
11
AN12/LVDIN/CTED2/INT2/CN14/RB12
AN12/LVDIN/CTED2/CN14/RB12
12
AN11/SDO1/CTPLS/CN13/RB13
AN11/SDO1/CTPLS/CN13/RB13
13
OC3/CN35/RA10
OC3/CN35/RA10
14
IC3/CTED8/CN36/RA11
IC3/CTED8/CN36/RA11
15
CVREF/AN10/C3INB/RTCC/
C1OUT/OCFA/CTED5/INT1/CN12/RB14
CVREF/AN10/C3INB/RTCC/C1OUT/
OCFA/CTED5/INT1/CN12/RB14
16
AN9/C3INA/T3CK/T2CK/REFO/
SS1/CTED6/CN11/RB15
AN9/C3INA/T3CK/T2CK/REFO/
SS1/CTED6/CN11/RB15
17
VSS/AVSS
VSS/AVSS
18
VDD/AVDD
VDD/AVDD
19
MCLR/RA5
MCLR/RA5
20
n/c
n/c
21
VREF+/CVREF+/AN0/C3INC/
CTED1/CN2/RA0
VREF+/CVREF+/AN0/C3INC/
CTED1/CN2/RA0
22
CVREF-/VREF-/AN1/CN3/RA1
CVREF-/VREF-/AN1/CN3/RA1
23
PGED1/AN2/ULPWU/CTCMP/C1IND/
C2INB/C3IND/U2TX/CN4/RB0
PGED1/AN2/ULPWU/CTCMP/C1IND/
C2INB/C3IND/U2TX/CN4/RB0
24
PGEC1/AN3/C1INC/C2INA/U2RX/
CTED12/CN5/RB1
PGEC1/AN3/C1INC/C2INA/U2RX/
CTED12/CN5/RB1
25
AN4/C1INB/C2IND/SDA2/T5CK/
T4CK/CTED13/CN6/RB2
AN4/C1INB/C2IND/SDA2/T5CK/
T4CK/CTED13/CN6/RB2
26
AN5/C1INA/C2INC/SCL2/CN7/RB3
AN5/C1INA/C2INC/SCL2/CN7/RB3
27
AN6/CN32/RC0
AN6/CN32/RC0
28
AN7/CN31/RC1
AN7/CN31/RC1
29
AN8/CN10/RC2
AN8/CN10/RC2
30
VDD
VDD
31
VSS
VSS
32
n/c
n/c
33
OSCI/AN13/CLKI/CN30/RA2
OSCI/AN13/CLKI/CN30/RA2
34
OSCO/AN14/CLKO/CN29/RA3
OSCO/AN14/CLKO/CN29/RA3
35
OCFB/CN33/RA8
OCFB/CN33/RA8
36
SOSCI/AN15/U2RTS/CN1/RB4
SOSCI/AN15/U2RTS/CN1/RB4
37
SOSCO/SCLKI/U2CTS/CN0/RA4
SOSCO/SCLKI/U2CTS/CN0/RA4
38
SS2/CN34/RA9
SS2/CN34/RA9
39
SDI2/CN28/RC3
SDI2/CN28/RC3
40
SDO2/CN25/RC4
SDO2/CN25/RC4
41
SCK2/CN26/RC5
SCK2/CN26/RC5
42
VSS
VSS
43
VDD
VDD
44
n/c
n/c
45
PGED3/ASDA1(2)/CN27/RB5
PGED3/ASDA1(2)/CN27/RB5
46
PGEC3/ASCL1(2)/CN24/RB6
PGEC3/ASCL1(2)/CN24/RB6
47
C2OUT/OC1/INT0/CN23/RB7
C2OUT/OC1/INT0/CN23/RB7
48
SCL1/U1CTS/C3OUT/CTED10/
CN22/RB8
SCL1/U1CTS/C3OUT/CTED10/
CN22/RB8
RB9
1
36
RB4
RC6
2
35
RA8
RC7
3
34
RA3
RC8
4
33
RA2
RC9
5
32
n/c
RA7
6
PIC24FVXXKA304
31
VSS
RA6
7
30
VDD
n/c
8
29
RC2
RB10
9
28
RC1
RB11
10
27
RC0
RB12
11
26
RB3
RB13
12
25
RB2
Legend:
Pin numbers in bold indicate pin func-
tion differences between PIC24FV and
PIC24F devices.
Note 1:
Exposed pad on underside of device is
connected to VSS.
2:
Alternative multiplexing for SDA1
(ASDA1) and SCL1 (ASCL1) when the
I2CSEL Configuration bit is set.
3:
PIC24F32KA3XX device pins have a
maximum voltage of 3.6V and are not
5V tolerant.
48-Pin UQFN(1,2,3)
PIC24FXXKA304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com