Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FV16KA301 Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC24FV16KA301
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV16KA301 Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC24FV16KA301 Datasheet HTML 77Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 78Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 79Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 80Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 81Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 82Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 83Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 84Page - Microchip Technology PIC24FV16KA301 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 81
PIC24FV32KA304 FAMILY
TABLE 8-2:
IMPLEMENTED INTERRUPT VECTORS
TABLE 8-1:
TRAP VECTOR DETAILS
Vector Number
IVT Address
AIVT Address
Trap Source
0
000004h
000104h
Reserved
1
000006h
000106h
Oscillator Failure
2
000008h
000108h
Address Error
3
00000Ah
00010Ah
Stack Error
4
00000Ch
00010Ch
Math Error
5
00000Eh
00010Eh
Reserved
6
000010h
000110h
Reserved
7
000012h
000112h
Reserved
Interrupt Source
Vector Number
IVT Address
AIVT
Address
Interrupt Bit Locations
Flag
Enable
Priority
ADC1 Conversion Done
13
00002Eh
00012Eh
IFS0<13>
IEC0<13>
IPC3<6:4>
Comparator Event
18
000038h
000138h
IFS1<2>
IEC1<2>
IPC4<10:8>
CRC Generator
67
00009Ah
00019Ah
IFS4<3>
IEC4<3>
IPC16<14:12>
CTMU
77
0000AEh
0001AEh
IFS4<13>
IEC4<13>
IPC19<6:4>
External Interrupt 0
0
000014h
000114h
IFS0<0>
IEC0<0>
IPC0<2:0>
External Interrupt 1
20
00003Ch
00013Ch
IFS1<4>
IEC1<4>
IPC5<2:0>
External Interrupt 2
29
00004Eh
00014Eh
IFS1<13>
IEC1<13>
IPC7<6:4>
I2C1 Master Event
17
000036h
000136h
IFS1<1>
IEC1<1>
IPC4<6:4>
I2C1 Slave Event
16
000034h
000134h
IFS1<0>
IEC1<0>
IPC4<2:0>
I2C2 Master Event
50
000078h
000178h
IFS3<2>
IEC3<2>
IPC12<10:8>
I2C2 Slave Event
49
000076h
000176h
IFS3<1>
IEC3<1>
IPC12<6:4>
Input Capture 1
1
000016h
000116h
IFS0<1>
IEC0<1>
IPC0<6:4>
Input Capture 2
5
00001Eh
00011Eh
IFS0<5>
IEC0<5>
IPC1<6:4>
Input Capture 3
37
00005Eh
00015Eh
IFS2<5>
IEC2<5>
IPC9<6:4>
Input Change Notification
19
00003Ah
00013Ah
IFS1<3>
IEC1<3>
IPC4<14:12>
HLVD (High/Low-Voltage Detect)
72
0000A4h
0001A4h
IFS4<8>
IEC4<8>
IPC17<2:0>
NVM – NVM Write Complete
15
000032h
000132h
IFS0<15>
IEC0<15>
IPC3<14:12>
Output Compare 1
2
000018h
000118h
IFS0<2>
IEC0<2>
IPC0<10:8>
Output Compare 2
6
000020h
000120h
IFS0<6>
IEC0<6>
IPC1<10:8>
Output Compare 3
25
000046h
000146h
IFS1<9>
IEC1<9>
IPC6<6:4>
Real-Time Clock/Calendar
62
000090h
000190h
IFS3<14>
IEC3<14>
IPC15<10:8>
SPI1 Error
9
000026h
000126h
IFS0<9>
IEC0<9>
IPC2<6:4>
SPI1 Event
10
000028h
000128h
IFS0<10>
IEC0<10>
IPC2<10:8>
SPI2 Error
32
000054h
000154h
IFS2<0>
IEC2<2>
IPC8<2:0>
SPI2 Event
33
000056h
000156h
IFS2<1>
IEC2<1>
IPC8<6:4>
Timer1
3
00001Ah
00011Ah
IFS0<3>
IEC0<3>
IPC0<14:12>
Timer2
7
000022h
000122h
IFS0<7>
IEC0<7>
IPC1<14:12>
Timer3
8
000024h
000124h
IFS0<8>
IEC0<8>
IPC2<2:0>
Timer4
27
00004Ah
00014Ah
IFS1<11>
IEC1<11>
IPC6<14:12>
Timer5
28
00004Ch
00015Ch
IFS1<12>
IEC1<12>
IPC7<2:0>
UART1 Error
65
000096h
000196h
IFS4<1>
IEC4<1>
IPC16<6:4>
UART1 Receiver
11
00002Ah
00012Ah
IFS0<11>
IEC0<11>
IPC2<14:12>
UART1 Transmitter
12
00002Ch
00012Ch
IFS0<12>
IEC0<12>
IPC3<2:0>
UART2 Error
66
000098h
000198h
IFS4<2>
IEC4<2>
IPC16<10:8>
UART2 Receiver
30
000050h
000150h
IFS1<14>
IEC1<14>
IPC7<10:8>
UART2 Transmitter
31
000052h
000152h
IFS1<15>
IEC1<15>
IPC7<14:12>
Ultra Low-Power Wake-up
80
0000B4h
0001B4h
IFS5<0>
IEC5<0>
IPC20<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com