Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS410 Datasheet(PDF) 33 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 33 Page - Microchip Technology

Back Button HCS410_11 Datasheet HTML 29Page - Microchip Technology HCS410_11 Datasheet HTML 30Page - Microchip Technology HCS410_11 Datasheet HTML 31Page - Microchip Technology HCS410_11 Datasheet HTML 32Page - Microchip Technology HCS410_11 Datasheet HTML 33Page - Microchip Technology HCS410_11 Datasheet HTML 34Page - Microchip Technology HCS410_11 Datasheet HTML 35Page - Microchip Technology HCS410_11 Datasheet HTML 36Page - Microchip Technology HCS410_11 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
HCS410
© 2011 Microchip Technology Inc.
DS40158F-page 33
FIGURE 6-2:
HCS410 NORMALIZED TE VS. TEMP
TABLE 6-4:
CODE WORD TRANSMISSION TIMING PARAMETERS—PWM MODEÞ
VDD = +2.0V to 6.3V
Commercial
(C): TAMB = 0°C to +70°C
Industrial
(I): TAMB = -40°C to +85°C
Code Words Transmitted
BSL1 = 0,
BSL0 = 0
BSL1 = 0,
BSL0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
360
400
440
1
180.0
200.0
220.0
μs
TBP
PWM bit pulse width
3
1080
1200
1320
3
540.0
600.0
660.0
μs
TP
Preamble duration
32
12
12.8
14
32
5.76
6.0
7.04
ms
TH
Header duration
10
3.6
4.0
4.4
10
1.80
2.0
2.20
ms
THOP
Code hopping duration
96
35
38.4
42
96
17.28
19.20
21.12
ms
TFIX
Fixed code duration
111
39.96
44.4
48.84
111
19.98
22.20
24.42
ms
TG
Guard time
46
16.6
18.4
20.2
46
8.3
9.6
10.1
ms
—
Total transmit time
295
106.2
118.0
129.8
295
53.1
59.0
64.9
ms
Note: The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.3V
Commercial
(C): TAMB = 0°C to +70°C
Industrial
(I): TAMB = -40°C to +85°C
Code Words Transmitted
BSL1 = 1,
BSL0 = 0
BSL1 = 0,
BSL0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
180.0
200.0
220.0
1
90.0
100.0
110.0
μs
TBP
PWM bit pulse width
3
540.0
600.0
660.0
3
270.0
300.0
330.0
μs
TP
Preamble duration
32
5.76
6.0
7.04
32
2.88
3.0
3.52
ms
TH
Header duration
10
1.80
2.0
2.20
10
0.90
1.0
1.10
ms
THOP
Code hopping duration
96
17.28
19.20
21.12
96
8.64
9.60
10.56
ms
TFIX
Fixed code duration
111
19.98
22.2
24.42
111
9.99
11.1
12.21
ms
TG
Guard time
46
8.3
9.6
10.1
46
41
4.6
5.1
ms
—
Total transmit time
295
53.1
59.0
64.9
295
26.6
29.5
32.5
ms
Note: The timing parameters are not tested but derived from the oscillator clock.
0.94
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.92
0.90
TE Min.
TE Max.
VDD LEGEND
= 2.0V
= 3.0V
= 6.0V
Typical
TE
Temperature °C
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
Note:
Values are for calibrated oscillator.
40158F.book Page 33 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com