Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1827 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F1827
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1827 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F1827 Datasheet HTML 45Page - Microchip Technology PIC16F1827 Datasheet HTML 46Page - Microchip Technology PIC16F1827 Datasheet HTML 47Page - Microchip Technology PIC16F1827 Datasheet HTML 48Page - Microchip Technology PIC16F1827 Datasheet HTML 49Page - Microchip Technology PIC16F1827 Datasheet HTML 50Page - Microchip Technology PIC16F1827 Datasheet HTML 51Page - Microchip Technology PIC16F1827 Datasheet HTML 52Page - Microchip Technology PIC16F1827 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 406 page
background image
 2011 Microchip Technology Inc.
DS41391D-page 49
PIC16(L)F1826/27
REGISTER 4-3:
DEVICEID: DEVICE ID REGISTER(1)
RRRRRR
DEV<8:3>
bit 13
bit 8
RRRRRRRR
DEV<2:0>
REV<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘1’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
P = Programmable bit
bit 13-5
DEV<8:0>:
Device ID bits
bit 4-0
REV<4:0>:
Revision ID bits
These bits are used to identify the revision.
Note
1:
This location cannot be written.
Device
DEVICEID<13:0> Values
DEV<8:0>
REV<4:0>
PIC16F1826
10 0111 100
x xxxx
PIC16F1827
10 0111 101
x xxxx
PIC16LF1826
10 1000 100
x xxxx
PIC16LF1827
10 1000 101
x xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com