Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F1828 Datasheet(PDF) 20 Page - Microchip Technology

Part # 16F1828
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1828 Datasheet(HTML) 20 Page - Microchip Technology

Back Button 16F1828 Datasheet HTML 16Page - Microchip Technology 16F1828 Datasheet HTML 17Page - Microchip Technology 16F1828 Datasheet HTML 18Page - Microchip Technology 16F1828 Datasheet HTML 19Page - Microchip Technology 16F1828 Datasheet HTML 20Page - Microchip Technology 16F1828 Datasheet HTML 21Page - Microchip Technology 16F1828 Datasheet HTML 22Page - Microchip Technology 16F1828 Datasheet HTML 23Page - Microchip Technology 16F1828 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 419 page
background image
PIC16(L)F1824/1828
DS41419B-page 20
Preliminary
 2010 Microchip Technology Inc.
RC3/AN7/CPS7/C12IN3-/
P2A(1,2)/CCP2(1,2)/P1C(1,2)/
MDMIN
RC3
TTL
CMOS General purpose I/O.
AN7
AN
—
A/D Channel 7 input.
CPS7
AN
—
Capacitive sensing input 7.
C12IN3-
AN
—
Comparator C1 or C2 negative input.
P2A
—
CMOS PWM output.
CCP2
AN
—
Capacitive sensing input 2.
P1C
—
CMOS PWM output.
MDMIN
—
CMOS Modulator source input.
RC4/C2OUT/SRNQ/P1B/TX(1)/
CK(1)/MDOUT
RC4
TTL
CMOS General purpose I/O.
C2OUT
—
CMOS Comparator C2 output.
SRNQ
—
CMOS SR latch inverting output.
P1B
—
CMOS PWM output.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
MDOUT
—
CMOS Modulator output.
RC5/P1A/CCP1/RX(1)/DT(1)/
MDCIN2
RC5
TTL
CMOS General purpose I/O.
P1A
—
CMOS PWM output.
CCP1
ST
CMOS Capture/Compare/PWM 1.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
MDCIN2
ST
—
Modulator Carrier Input 2.
RC6/AN8/CPS8/CCP4/SS
RC6
TTL
CMOS General purpose I/O.
AN8
AN
—
A/D Channel 8 input.
CPS8
AN
—
Capacitive sensing input 8.
CCP4
AN
—
Capacitive sensing input 4.
SS
ST
—
Slave Select input.
RC7/AN9/CPS9/SDO
RC7
TTL
CMOS General purpose I/O.
AN9
AN
—
A/D Channel 9 input.
CPS9
AN
—
Capacitive sensing input 9.
SDO
—
CMOS SPI data output.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-3:
PIC16F/LF1828 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin functions can be moved using the APFCONO and APFCON1 registers (Register 12-1 and Register 12-2).
2:
Default function location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com