| Electronic Components Datasheet Search |
|
PIC16F1847 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 408 page ![]() PIC16(L)F1847 DS41453B-page 14 Preliminary 2011 Microchip Technology Inc. RA6/OSC2/CLKOUT/CLKR/ P1D(1)/P2B(1)/SDO1(1) RA6 TTL CMOS General purpose I/O. OSC2 — XTAL Crystal/Resonator (LP, XT, HS modes). CLKOUT — CMOS FOSC/4 output. CLKR — CMOS Clock Reference Output. P1D — CMOS PWM output. P2B — CMOS PWM output. SDO1 — CMOS SPI data output 1. RA7/OSC1/CLKIN/P1C(1)/ CCP2(1)/P2A(1) RA7 TTL CMOS General purpose I/O. OSC1 XTAL — Crystal/Resonator (LP, XT, HS modes). CLKIN CMOS — External clock input (EC mode). P1C — CMOS PWM output. CCP2 ST CMOS Capture/Compare/PWM2. P2A — CMOS PWM output. RB0/T1G/CCP1(1)/P1A(1)/INT/ SRI/FLT0 RB0 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. T1G ST — Timer1 Gate input. CCP1 ST CMOS Capture/Compare/PWM1. P1A — CMOS PWM output. INT ST — External interrupt. SRI ST — SR latch input. FLT0 ST — ECCP Auto-Shutdown Fault input. RB1/AN11/CPS11/RX(1,2)/ DT(1,2)/SDA1/SDI1 RB1 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN11 AN — A/D Channel 11 input. CPS11 AN — Capacitive sensing input 11. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. SDA1 I2C™ OD I2C™ data input/output 1. SDI1 CMOS — SPI data input 1. RB2/AN10/CPS10/MDMIN/ TX(1,2)/CK(1,2)/RX(1)/DT(1)/ SDA2/SDI2/SDO1(1,2) RB2 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN10 AN — A/D Channel 10 input. CPS10 AN — Capacitive sensing input 10. MDMIN — CMOS Modulator source input. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. SDA2 I2C™ OD I2C™ data input/output 2. SDI2 ST — SPI data input 2. SDO1 — CMOS SPI data output 1. TABLE 1-2: PIC16F/LF1847 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Pin functions can be moved using the APFCON0 or APFCON1 register. 2: Default function location. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |