Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1847 Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC16F1847
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1847 Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC16F1847 Datasheet HTML 151Page - Microchip Technology PIC16F1847 Datasheet HTML 152Page - Microchip Technology PIC16F1847 Datasheet HTML 153Page - Microchip Technology PIC16F1847 Datasheet HTML 154Page - Microchip Technology PIC16F1847 Datasheet HTML 155Page - Microchip Technology PIC16F1847 Datasheet HTML 156Page - Microchip Technology PIC16F1847 Datasheet HTML 157Page - Microchip Technology PIC16F1847 Datasheet HTML 158Page - Microchip Technology PIC16F1847 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 408 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41453B-page 155
PIC16(L)F1847
17.4
DAC Voltage Reference Output
The DAC can be output to the DACOUT pin by setting
the DACOE bit of the DACCON0 register to ‘1’. Selecting
the DAC reference voltage for output on the DACOUT
pin automatically overrides the digital output buffer and
digital input threshold detector functions of that pin.
Reading the DACOUT pin when it has been configured
for DAC reference voltage output will always return a ‘0’.
Due to the limited current drive capability, a buffer must
be used on the DAC voltage reference output for
external connections to DACOUT. Figure 17-3 shows
an example buffering technique.
FIGURE 17-2:
DIGITAL-TO-ANALOG CONVERTER BLOCK DIAGRAM
DACR<4:0>
R
VREF-
DACNSS
R
R
R
R
R
R
32
DAC
DACOUT
5
(To Comparator and
ADC Modules)
DACOE
VDD
VREF+
DACPSS<1:0>
2
DACEN
Steps
Digital-to-Analog Converter (DAC)
FVR BUFFER2
R
VSRC-
VSRC+
VSS
DACLPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com