Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP18E Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP18E
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP18E Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP18E Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP18E Datasheet HTML 2Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Microchip Technology Company
©2011 Silicon Storage Technology, Inc.
DS75008A
05/11
Product Brief
www.microchip.com
Features
• High gain:
– Typically 25 dB gain across 2.4~2.5 GHz
– Low battery voltage operation: VREF as low as 2.7V.
• High linear output power (at 3.3V):
– >26 dBm P1dB
– ~2.5% added EVM up to 18 dBm for
54 Mbps 802.11g signal
– Meets 802.11g OFDM ACPR requirement up to 21.5
dBm
– Meets 802.11b ACPR requirement up to 22.5 dBm
• High power-added efficiency/Low operating cur-
rent for both 802.11b/g/n applications
– ~32% @ POUT = 21.5 dBm for 802.11g
– ~36% @ POUT = 22.5 dBm for 802.11b
• Low shut-down current (~2 µA)
• Low Voltage operation down to 2.7V bias.
• Limited variation over temperature
– ~1 dB power variation between -40°C to +85°C
– ~2 dB gain variation between -40°C to +85°C
• Temperature and load insensitive on-chip power
detector
>15 dB dynamic range
• Packages available
– 8-contact XSON – 2mm x 2mm x 0.45mm
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)DS75008
• Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
Block Diagram
Product Ordering
Valid combinations for SST12LP18E
SST12LP18E-QX8E
SST12LP18E Evaluation Kits
SST12LP18E-QX8E-K
Note: Valid combinations are those products in mass produc-
tion or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations
and to determine availability of new combinations.
RFIN
VCCB
VREF
DET
VCC1
VCC2
RFOUT
75008 B1.0
Bias Circuit
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E
The SST12LP18E is a versatile power amplifier based on the highly-reliable InGaP/
GaAs HBT technology. The SST12LP18E is a 2.4 GHz high-efficiency Power Ampli-
fier designed in compliance with IEEE 802.11b/g/n applications. It typically provides
25 dB gain with 32% power-added efficiency. The SST12LP18E has excellent linear-
ity while meeting 802.11g spectrum mask at 21.5 dBm. The SST12LP18E is ideal for
embedded applications because it provides linear power evan at low-battery volt-
ages. With a reference voltage as low as 2.7V, the SST12LP18E will operate from
-20°C to +85°C and is offered in a 8-contact XSON package.


Similar Part No. - SST12LP18E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP10 SST-SST12LP10 Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
SST12LP10-QVC SST-SST12LP10-QVC Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
SST12LP10-QVC-K SST-SST12LP10-QVC-K Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
SST12LP10-QVCE SST-SST12LP10-QVCE Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
SST12LP10-QVCE-K SST-SST12LP10-QVCE-K Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
More results

Similar Description - SST12LP18E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com