Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMM28S Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMM28S
Description  High hFE NPN silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMM28S Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMM28S Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMM28S Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMM28S Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMM28S
■
F
F
F
F
EATURES
EATURES
EATURES
EATURES
特點
High
hFE 高放大倍數
NPN silicon
NPN 矽管
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS
最大定額值(T
(T
(T
(T
a
a
a
a
=25
=25
=25
=25
℃)))
)
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
CHARACTERISTIC
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極-基極電壓
VCBO
40
V
Collector-Emitter Voltage
集電極-發射極電壓
VCEO
20
V
Emitter-Base Voltage
發射極-基極電壓
VEBO
5
V
Collector Current-Pulse
集電極電流-脉冲
Ic
1000
mA
Collector Power Dissipation
集電極耗散功率
PC
300
mW
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃
M28S
M28S
M28S
M28S
=
=
=
=
28S
28S
28S
28S
...
.
300~600
300~600
300~600
300~600
500~700
500~700
500~700
500~700
600~1200
600~1200
600~1200
600~1200


Similar Part No. - GMM28S

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMM28S GSME-GMM28S_15 Datasheet
222Kb / 2P
NPN silicon
More results

Similar Description - GMM28S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT5089M10 CENTRAL-CMKT5089M10 Datasheet
123Kb / 2P
SURFACE MOUNT ULTRAmini DUAL NPN SILICON MATCHED hFE TRANSISTORS
CZT250K CENTRAL-CZT250K Datasheet
73Kb / 2P
SURFACE MOUNT NPN EXTREMELY HIGH hFE SILICON DARLINGTON TRANSISTOR
CZT900K CENTRAL-CZT900K Datasheet
74Kb / 2P
SURFACE MOUNT NPN EXTREMELY HIGH hFE SILICON DARLINGTON TRANSISTOR
CMKT5089M10 CENTRAL-CMKT5089M10_10 Datasheet
498Kb / 2P
SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CZT250K CENTRAL-CZT250K_10 Datasheet
533Kb / 2P
SURFACE MOUNT EXTREMELY HIGH hFE NPN SILICON DARLINGTON TRANSISTOR
logo
Guilin Strong Micro-Ele...
GM1015 GSME-GM1015 Datasheet
278Kb / 3P
Excellent HFE Linearity HFE : HFE(0.1mA)/HFE(2mA)=0.95(Typ.)
GM1815 GSME-GM1815 Datasheet
278Kb / 3P
Excellent HFE Linearity HFE : HFE(0.1mA)/ HFE(2mA)=0.95(Typ.)
GM9014 GSME-GM9014 Datasheet
246Kb / 3P
Excellent HFE Linearity HFE : HFE(0.1mA)/ hFE(2mA)=0.95(Typ.)
GM9015 GSME-GM9015 Datasheet
246Kb / 3P
Excellent HFE Linearity HFE : hFE(0.1mA)/ hFE(2mA)=0.95(Typ.)
logo
Central Semiconductor C...
CMKT5089M10 CENTRAL-CMKT5089M10_15 Datasheet
498Kb / 2P
SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com