Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR10C40CT Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR10C40CT
Description  Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR10C40CT Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR10C40CT Datasheet HTML 1Page - Solid States Devices, Inc SSR10C40CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0036B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR10C __ __ __ __
Screening
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package 2/
G = Cerpack
Configuration
CT = Centertap
Voltage
40 = 400 V
50 = 500 V
60 = 600 V
SSR10C60CT Series
10 A / 600 V
Schottky Silicon Carbide
Centertap Rectifier
FEATURES:
 600 Volt Silicon Carbide Schottky Rectifier
 Average Output Current 10 Amps
 No Reverse Recovery
 No Forward Recovery
 No Switching Time Change Over
Temperature
 Small Package Size
 TX, TXV, and Space Level Screening
Available. Consult Factory.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
SSR10C40CT
SSR10C50CT
SSR10C60CT
VRRM
VR
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
Per Leg
Total
IO
5
10
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC, Per Leg)
IFSM
20
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +250
oC
Junction Temperature
TJ
-55 to +250
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
1.5
oC/W
CERPACK (G)


Similar Part No. - SSR10C40CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C40CT SSDI-SSR10C40CT Datasheet
71Kb / 2P
10 A / 600 V Schottky Silicon Carbide Centertap Rectifier
SSR10C40CTG SSDI-SSR10C40CTG Datasheet
71Kb / 2P
10 A / 600 V Schottky Silicon Carbide Centertap Rectifier
SSR10C40CTGS SSDI-SSR10C40CTGS Datasheet
71Kb / 2P
10 A / 600 V Schottky Silicon Carbide Centertap Rectifier
SSR10C40CTGTVX SSDI-SSR10C40CTGTVX Datasheet
71Kb / 2P
10 A / 600 V Schottky Silicon Carbide Centertap Rectifier
SSR10C40CTGTX SSDI-SSR10C40CTGTX Datasheet
71Kb / 2P
10 A / 600 V Schottky Silicon Carbide Centertap Rectifier
More results

Similar Description - SSR10C40CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR24C60CT SSDI-SSR24C60CT_1 Datasheet
72Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SSR50C60CT SSDI-SSR50C60CT Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RC0140B SSDI-RC0140B Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RS0022 SSDI-RS0022 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0024 SSDI-RS0024 Datasheet
146Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0022 SSDI-RS0022_15 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E_15 Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
SH0029E SSDI-SH0029E_15 Datasheet
106Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com