Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR1045G Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR1045G
Description  SURFACE MOUNT SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1045G Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR1045G Datasheet HTML 1Page - Solid States Devices, Inc SSR1045G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0127B
DOC
ELECTRICAL CHARACTERISTICS3/
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300sec pulse)
IF = 5 A
IF = 10 A
VF1
VF2
0.52
0.63
VDC
Instantaneous Forward Voltage Drop
(TA=-55ºC, 300sec pulse)
IF = 5 A
VF3
0.58
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300sec pulse minimum)
IR1
100
A
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300sec pulse minimum)
IR2
10
mA
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25ºC)
CJ
400
pF
Package Outline: CERPACK
PIN OUT:
PIN 1: ANODE 1
PIN 2: ANODE 2
TAB: CATHODE
Bottom View
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1045G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com