Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR6080D5 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR6080D5
Description  SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR6080D5 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR6080D5 Datasheet HTML 1Page - Solid States Devices, Inc SSR6080D5 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0048A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR60100D5 Series
Electrical Characteristics 3/
Symbol
Typ
Max
Units
Maximum Instantaneous Forward Voltage Drop
(Pulsed)
IF = 10A
IF =10A, TA = -55 ºC
IF =10A, TA= 100 ºC
IF =10A, TA =125 ºC
IF = 30A
IF =30A, TA = -55 ºC
IF =30A, TA= 100 ºC
IF =30A, TA =125 ºC
IF = 60A
IF =60A, TA = -55 ºC
IF =30A, TA= 100 ºC
IF =30A, TA =125 ºC
VF1
VF2
VF3
VF4
VF5
VF6
VF7
VF8
VF9
VF10
VF11
VF12
550
610
495
460
720
750
615
575
835
930
700
660
630
-
-
-
900
950
-
800
1175
-
-
-
mVDC
Maximum Reverse Leakage Current
(Rated VR Minimum)
TA = 25 ºC
TA = 100 ºC
TA = 125 ºC
IR1
IR2
IR3
10
3
15
500
-
25
μA
mA
mA
Typical Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
1500
pF
DO-5 Outline (Normal Pin Configuration Shown):



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com