Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3501CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3501CSM4
Description  HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3501CSM4 Datasheet(HTML) 2 Page - Seme LAB

  2N3501CSM4 Datasheet HTML 1Page - Seme LAB 2N3501CSM4 Datasheet HTML 2Page - Seme LAB 2N3501CSM4 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3501CSM4
Prelim. 12/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 10mA
IB = 0
IC = 10µAIE = 0
IE= 10µAIC = 0
VCB = 75V
IE = 0
VCB = 75V
IE = 0
TA = 150°C
VEB(off) = 4V
IC = 0
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V1
IC = 150mA
VCE = 10V1
IC = 300mA
VCE = 10V1
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 150mA
IB = 15mA
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 150mA
IB = 15mA
VCE = 20V
IC = 20mA
f = 100MHZ
VCB = 10V
IE = 0
f = 1MHZ
VEB = 0.5V
IC = 0
f = 1MHZ
VCE = 10V
IC = 10mA
f = 1KHZ
VCE = 10V
IC = 10mA
f = 1KHZ
VCE = 10V
IC = 10mA
f = 1KHZ
VCE = 10V
IC = 10mA
f = 1KHZ
150
150
6
0.05
50
35
50
75
100
300
20
0.2
0.25
0.4
0.8
0.9
1.2
150
8
80
0.25
1.25
4
375
200
OFF CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
V
µA
nA
V
V
MHZ
pF
x10-4
V(BR)CEO
Collector-Emitter Breakdown Voltage1
V(BR)CBO
Collector-Base Breakdown Voltage
V(BR)EBO
Emitter-Base Breakdown Voltage
ICBO
Collector Cutoff Current
IEBO
Emitter Cutoff Current
hFE
DC Current Gain
VCE(SAT)
Collector-Emitter Saturation Voltage1
VBE(SAT)
Base-Emitter Saturation Voltage1
fT
Current-Gain–Bandwidth Product2
Cobo
Output Capacitance
Cibo
Input Capacitance
hie
Input Impedance
hre
Voltage Feedback Ratio
hfe
Small-Signal Current Gain
hoe
Output Admittance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com