Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5675K Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC5675K
Description  Microcontroller is a 32-bit embedded controller designed for advanced
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5675K Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5675K Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5675K Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
Overview
MPC5675K Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
1.2
Block diagram
Figure 1 shows a top-level block diagram of the MPC5675K device.
Figure 1. MPC5675K block diagram
DMA_1
ADC
– Analog-to-digital converter
BAM
– Boot assist module
CMU
– Clock monitoring unit
CRC
– Cyclic redundancy check unit
CTU
– Cross triggering unit
DSPI
– Deserial serial peripheral interface
EBI
– External bus interface
ECC
– Error correction code
ECSM
– Error correction status module
eDMA
– Enhanced direct memory access controller
FCCU
– Fault collection and control unit
FEC
– Fast Ethernet controller
FlexCAN
– Controller area network controller
FlexPWM – Pulse width modulator module
FMPLL
– Frequency-modulated phase-locked loop
I2C
– Inter-integrated circuit controller
INTC
– Interrupt controller
IRCOSC
– Internal RC oscillator
JTAG
– Joint Test Action Group interface
MC
– Mode entry, clock, reset, & power modules
mDDR
– Mobile double data rate dynamic RAM
PBRIDGE – Peripheral bridge
PDI
– Parallel data interface
PIT
– Periodic interrupt timer
PMU
– Power management unit
RC
– Redundancy checker
RTC
– Real time clock
SEMA4
– Semaphore unit
SIUL
– System integration unit Lite
SSCM
– System status and configuration module
STM
– System timer module
SWT
– Software watchdog timer
TSENS
– Temperature sensor
XOSC
– Crystal oscillator
ECSM_0
STM
INTC
Crossbar switch (XBAR_2)
MMU
D-CACHE
e200z7d
e200z7d
Crossbar switch (XBAR_1)
Memory protection unit
PBRIDGE
JTAG
Nexus
FlexRay
PBRIDGE
SEMA4
PDI
mDDR
Crossbar switch (XBAR_0)
Core_0
Core_1
I-CACHE
DMA_0
FEC
PFLASHC
PFLASHC
RC
ECSM_1
STM
INTC
SEMA4
RC
SRAM with ECC Logic
RC
RC
RC
EBI
SRAM with ECC Logic
Memory protection unit
PBRIDGE
MMU
D-CACHE
I-CACHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com