Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC900844JVK Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # SC900844JVK
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC900844JVK Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button SC900844JVK Datasheet HTML 75Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 76Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 77Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 78Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 79Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 80Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 81Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 82Page - Freescale Semiconductor, Inc SC900844JVK Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
79
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Figure 44. VCCP Detailed Internal Block Diagram
Main Features
• Uses V15 as the main power supply
• 445 mA maximum continuous output current
• Optimized for a 2.2 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses an internal pass FET
• The output for each LDO is monitored for over-current conditions and under-voltage events
VIMG25
VIMG25 is a low drop-out (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance, low noise, and high
PSRR, with a low quiescent current and fast transient response. VIMG25 is actively discharged during shutdown.
VIMG25 shares an input voltage pin (PVINIMG) and a reference ground pin (GNDIMG) with the VIMG28 regulator, yet each
has independent control. Both can be supplied by the VPWR (3.3 V) node.
Table 41. VCCP Control Register Structure and Bits Description
Name
Bits
Description
VCCPCNT (ADDR 0x44 - R/W - Default Value: 0x3C)
CTLVCCP
2:0
VCCP State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVCCP
5:3
VCCP State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be
initialized by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
Reserved
7:6
Reserved
Z
+
_
Controller
VOCCP
PVIN1P5
(Shared with VCCPAOAC, VCCPDDR,
VAON , and VMM)
VOUTCCP
Output Monitor
IOCCP
SPI
Interface
COCCP
VOCCP
CTLVCCP
AOACCTLVCCP
VCCPFAULT
VREF
Discharge
FBCCP
GND1P5
(Shared with VCCPAOAC , VCCPDDR,
VAON , and VMM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com