Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3799 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3799
Description  PNP, LOW NOISE AMPLIFIER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3799 Datasheet(HTML) 2 Page - Seme LAB

  2N3799 Datasheet HTML 1Page - Seme LAB 2N3799 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 4/95
LAB
SEME
2N3799
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ft
Current Gain Bandwidth
Product
1
Cob
Output Capacitance
Cib
Input Capacitance
hie
Input Impedance
hoe
Output Admittance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
NF
Noise Figure
30
100
500
4
8
10
40
560
25
300
900
2.5
4
0.8
1.5
1.8
1.5
1.5
2.5
VCE = –5V
IC = –500mA
f = 20MHz
VCE = –5V
IC = –1mA
f = 100MHz
VCB = –5V
IE = 0
f = 1MHz
VEB = –0.5V
IC = 0
f = 1MHz
VCE = –10V
IC = –1mA
f = 1kHz
f = 100Hz
B.W. = 20Hz
f = 1kHz
Spot:
B.W. = 200Hz
f = 10kHz
Noise:
B.W. = 2kHz
f = 1kHz
VCE = –10V
IC = –100mA
RG = 3kW
MHz
pF
k
W
mhmos
x 10
-4
—
dB
SMALL SIGNAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
–60
–60
–5
–0.01
–10
–20
–0.2
–0.25
–0.7
–0.8
–0.7
75
225
300
150
300
300
250
IC = –10mA
IB = 0
IC = –10mAIE = 0
IE = –10mAIC = 0
VCB = –50V
IE = 0
TA = 150°C
VEB = –4V
IC = 0
IC = –100mAIB = –10mA
IC = –1mA
IB = –100mA
IC = –100mAIB = –10mA
IC = –1mA
IB = –100mA
IC = –100mAVCE = –5V
IC = –1mA
IC = –10mA
IC = –100mA
IC = –100mATA = –55°C
IC = –500mA
IC = –1mA
IC = –10mA *
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
VBE(on)
Base – Emitter On Voltage
hFE
DC Current Gain
(VCE = –5V)
V
mA
nA
V
V
V
—
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
* Pulse Test: tp £ 300ms, d£ 2%.
1) ft is defined as the frequency at which |hfe| extrapolates to untity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com