| Electronic Components Datasheet Search |
|
PCF8531 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 51 page ![]() PCF8531 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 16 May 2011 13 of 51 NXP Semiconductors PCF8531 34 x 128 pixel matrix driver [1] If the on-chip oscillator is used, this input must be connected to VDD1. [2] If the internal VLCD generation is used, VLCDOUT, VLCDIN, and VLCDSENSE must be connected together. [3] If an external VLCD is used in the application, then pin VLCDOUT must be left open-circuit, otherwise the chip will be damaged. [4] If only the internal Power-On Reset (POR) is used, this input must be connected to VDD1. [5] VDD1 is for the logic supply, VDD2 and VDD3 are for the voltage multiplier. For split power supplies, VDD2 and VDD3 must be connected together. If only one supply voltage is available, VDD1, VDD2,and VDD3 must be connected together. [6] Serial data acknowledge for the I2C-bus. By connecting SDACK to SDA externally, the SDA line becomes fully I2C-bus compatible. Having the acknowledge output separated from the serial data line is advantageous in Chip-On-Glass (COG) applications. In COG applications where the track resistance from the SDACK pad to the system SDA line can be significant, a potential divider is generated by the bus pull-up resistor and the Indium Tin Oxide (ITO) track resistance. It is possible that the PCF8531 will not be able to create a valid logic 0 level during the acknowledge cycle. By splitting the SDA input from the SDACK output, the device could be used in a mode that ignores the acknowledge bit. In COG applications where the acknowledge cycle is required, it is necessary to minimize the track resistance from the SDACK pad to the system SDA line to guarantee a valid LOW level. [7] If ENR is connected to VSS, Power-On Reset (POR) is disabled; to enable Power-On Reset (POR) ENR must be connected to VDD1. [8] In the application, this input must be connected to VSS. [9] VSS1 and VSS2 must be connected together. [10] In the application, T2 must be left open-circuit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |