Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4033 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4033
Description  HIGH SPEED MEDIUM VOLTAGE SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4033 Datasheet(HTML) 2 Page - Seme LAB

  2N4033 Datasheet HTML 1Page - Seme LAB 2N4033 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCB = -60V
TA = 150°C
VEB = -5V
IC = -150mA
IB = -15mA
IC = -500mA
IB = -50mA
IC = -150mA
IB = -15mA
IC = -500mA
VCE = -0.5V1
IC = -10mA
IC = -10µA
IE = -10µA
IC = -100mA
VCE = -5.0V
@-55°C1
IC = -100µAVCE = -5.0V
IC = -100mA
VCE = -5.0V1
IC = -500mA
VCE = -5.0V1
IC = -1.0A
VCE = -5.0V1
VCE = -10V
f = 1MHz
VEB = -0.5V
f = 1MHz
IC = -50mA
VCE = -10V
f = 100MHz
IC = -500mA
IB1=-IB2 = -50mA
-50
-50
-10
-0.15
0.50
-0.9
-1.1
-80
-80
-5.0
40
75
100
300
70
25
20
110
1.5
5.0
100
50
350
ICBO
IEBO
VCE(sat)
VBE(sat)
VBE(on)
V(BR)CEO
V(BR)CBO
V(BR)EBO
hFE
Cobo
Cibo
hfe
ton
tf
ts
nA
µA
µA
V
V
V
V
V
V
—
pF
—
ns
Rthj-case
Rthj-amb
25
140
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
°C/W
°C/W
2N4033
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
Prelim. 1/99
Collector Cut Off Current
Emitter Cut Off Current
Collector Emitter Saturation Voltage1
Base Emitter Saturation Voltage1
Base Emitter on Voltage
Collector Emitter Breakdown Voltage
Collector Base Breakdown Voltage
Emitter Base Breakdown Voltage
DC Current Gain
Output Capacitance
Input Capacitance
Small Signal Gain
Turn On Time
Fall Time
Storage Time
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
SMALL SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
1Pulse test tp = 300µs , δ = 1%
THERMAL CHARATERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com