Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX1R Datasheet(PDF) 1 Page - GREATECS

Part # DX1R
Description  SPST Standard DIP Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX1R Datasheet(HTML) 1 Page - GREATECS

  DX1R Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIP Switches
Machine Insertable Type DIP Switches
DX2 Series
DX2H & DX2Y THT Terminals
DX2S SMT Terminals
DX2J SMT J Bend Terminals
General Specifications:
MATERIALS
» Contact: Alloy copper with gold plated
» Terminal: Brass with gold plated
MECHANICAL
» Mechanical: 2000 operations per switch
» Operation Force: 1000 gf max
» Stroke: 1.0 mm
» Operation Temperature: -20°C to +85°C
» Storage Temperature: -40°C to +85°C
ELECTRICAL
» Electrical Life: 2000 operations min. per switch 24VDC, 25mA
» Non-Switching Rating: 100mA, 50VDC
» Switching Rating: 25mA, 24VDC
» Circuit: Single pole single throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature at 260°C
max. 5 seconds for thru hole type
» Reflow Soldering: When applying reflow soldering, the peak
temperature of the reflow oven should be set to 260°C, max.
10 seconds for surface mounting type.
DX2
How to order:
1
2
3
4
5
sales@greatecs.com
www.greatecs.com
DX2YRC
DX2YRA
DX2HRC
DX2HRA
Recessed Actuator Raised Actuator Recessed Actuator Raised Actuator
Splay Terminals
Straight Terminals
1.0
9.84±0.50
0.25±0.05
7.62±0.50
2.54 x (N - 1) + 3.48
0.50
2.54 x (N-1)
2.54 TYP.
0.50
2.54 x (N - 1) + 3.48
+0.2
- 0
DX2SRC
DX2SRA
Recessed Actuator Raised Actuator
9.80±0.30
7.62±0.25
0.70
+0.30
-0.20
0°~10°
1.0
2.54 x (N - 1) ± 0.10
2.54 TYP.
1.10
P.C.B. LAYOUT
2.54 x (N - 1) ± 0.10
Ø0.97±0.05
P.C.B. LAYOUT
2.54 x (N - 1) + 3.48
2.54 x (N - 1)
2.54
2.54 x (N - 1)
2.54
2.54 x (N - 1) ± 0.10
2.54 TYP.
1.1
P.C.B. LAYOUT
N = No. of positions
General Tolerance: ± 0.2 mm
7.87
6.62±0.25
1.0
DX2JRC
DX2JRA
Recessed Actuator
Raised Actuator
H
Y
S
J
RA
RC
01
02
03
04
05
06
07
08
09
10
12
TYPE OF TERMINALS:
THT Straight Terminal
THT Splay Terminal
SMT Terminal
SMT J Bend Terminal
ACTUATOR TYPE:
Raised Actuator
Recessed Actuator
NO. OF POSITIONS:
1 Positions
2 Positions
3 Positions
4 Positions
5 Positions
6 Positions
7 Positions
8 Positions
9 Positions
10 Positions
12 Positions
N
T
TB
TR
SEAL:
Regular (Standard)
Top Tape Sealed
PACKAGE STYLE:
Tube
Tape & Reel
1
2
3
4
5
F02
T
R
P
RA
RC
SK
LK
02
03
04
05
06
07
08
09
10
12
SWITCH TYPE:
Top Type
Right Angle Type
Piano Type
ACTUATOR / KEY:
Raised Actuator (Standard)
(Only DX1T & DX1R)
Recessed Actuator (Only DX1T)
Short Key (Only DX1P)
Long Key (Only DX1P)
NO. OF POSITIONS:
2 Positions
3 Positions
4 Positions
5 Positions
6 Positions
7 Positions
8 Positions
9 Positions
10 Positions
12 Positions
C
G
A
1
0
N
T
TB
COLOR OF COVER:
Red
Blue
Black (G & A: Subject to our
final confirmation)
ON/OFF-POSITION:
Push Down on (Standard)
Push Down off (Only DX1P)
SEAL:
No Tape (Standard)
Top Tape Sealed
PACKAGE STYLE:
Tube
DIP Switches
SPST Standard DIP Switches
DX1 Series
DX1T Top Type
DX1R Right Angle Type
DX1P Piano Type
General Specifications:
FEATURES
» 1P1T DIP switches with low contact resistance
& high reliability.
CONTACT MATERIALS
» Phosphor bronze with gold plated over nickel
MECHANICAL
» Mechanical Life: 2000 operations per switch
» Operation Force: 400 gf max. (DX1P)
1000 gf max. (DX1T & DX1R)
» Stroke: 2.0 mm
» Operation Temperature: -20°C to +70°C
» Storage Temperature: -40°C to +85°C
ELECTRICAL
» Electrical Life: 2000 operations per switch
» Non-Switching Rating: 100mA, 50VDC
» Switching Rating: 25mA, 24VDC
» Circuit: Single pole single throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder
temperature at 260°C max. 5 seconds
DX1
How to order:
1
2
3
4
1
2
3
4
5
6
sales@greatecs.com
www.greatecs.com
5
6
7
7
N = No. of positions
General Tolerance: ± 0.2 mm
2.54 x (N - 1) + 3.90
2.54 x (N - 1)
2.54 TYP.
0.60
1.50
1.40
1.30
2.54 x (N - 1)
2.54 TYP.
0.60
2.54 x (N - 1) + 4.10
2.54 x (N - 1)
1.4
2.54 TYP.
0.60
2.54 x (N - 1) + 3.90
2.54 x (N - 1) ± 0.10
Ø0.97±0.05
P.C.B. LAYOUT
2.54 x (N - 1) ± 0.10
Ø0.97±0.05
P.C.B. LAYOUT
2.54 x (N - 1) ± 0.10
Ø0.97±0.05
P.C.B. LAYOUT
DX1PSK
DX1PLK
12.57
30°
0.15 ± 0.05
7.62 ± 0.50
1.84
Short Key
Long Key
1.60
7.62 ± 0.50
DX1TRC
0.15 ± 0.05
DX1TRA
Raised Actuator
Recessed Actuator
DX1RRA
0.15 ± 0.05
2.54 ± 0.60
6.20 ± 0.60
Raised Actuator
CIRCUIT
CIRCUIT
CIRCUIT
F01


Similar Part No. - DX1R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DX1R005HN2E700 JAE-DX1R005HN2E700 Datasheet
110Kb / 1P
MINI USB CONNECTOR MINI-A RECEP. R/A SMT TYPE WITH MAYLAR TAPE
More results

Similar Description - DX1R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BD01 ITT-BD01 Datasheet
170Kb / 2P
Standard Profile DIP Switches
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
logo
C&K Components
BD01 CK-COMPONENTS-BD01 Datasheet
122Kb / 2P
Standard Profile DIP Switches
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
logo
C&K Components
BD-SERIES CK-COMPONENTS-BD-SERIES Datasheet
174Kb / 2P
Standard Profile DIP Switches
BD CK-COMPONENTS-BD Datasheet
279Kb / 3P
Standard Profile DIP Switches
1999
BD CK-COMPONENTS-BD_V01 Datasheet
206Kb / 2P
Standard Profile DIP Switches
15 Mar 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com