Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5152 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5152
Description  HIGH SPEED MEDIUM VOLTAGE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5152 Datasheet(HTML) 1 Page - Seme LAB

  2N5152 Datasheet HTML 1Page - Seme LAB 2N5152 Datasheet HTML 2Page - Seme LAB 2N5152 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The 2N5152 and the 2N5154 are silicon
expitaxial planar NPN transistors in jedec
TO-39 metal case intended for use in
switching applications.
The complementary PNP types are the
2N5151 and 2N5153 respectively
2N5154
2N5152
2N5152
2N5154
Prelim. 3/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
HIGH SPEED
MEDIUM VOLTAGE
SWITCHES
VCBO
Collector – Base Voltage (IE = 0)
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Continuous Collector Current
IC(PK)
Peak Collector Current
IB
Base Current
Ptot
Total Dissipation at Tcase = 25°C
Tcase = 50°C
Tcase = 100°C
Tstg
Operating and Storage Temperature Range
Tj
Junction temperature
100V
80V
6V
5A
10A
1A
1W
10W
6.7W
–65 to +200°C
200°C
MECHANICAL DATA
Dimensions in mm (inches)
0. 89
( 0 . 035)
ma x .
12. 7 0
( 0 . 500)
mi n .
6. 1 0 ( 0 . 2 40)
6. 6 0 ( 0 . 2 60)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
( 0 . 100)
5. 0 8 ( 0 . 2 00)
ty p .
45 °
1
2
3
TO-39
Pin 1 – Emitter
Pin 2 – Base
Pin 3 – Collector
ABSOLUTE MAXIMUM RATINGS
(TCASE = 25°C unless otherwise stated)


Similar Part No. - 2N5152

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5152 SEMICOA-2N5152 Datasheet
33Kb / 1P
Chip Type 2C5154 Geometry 9201 Polarity NPN
2N5152 SEMICOA-2N5152 Datasheet
60Kb / 2P
Type 2N5152 Geometry 9201 Polarity NPN
logo
Central Semiconductor C...
2N5152 CENTRAL-2N5152 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5152 ETC1-2N5152 Datasheet
93Kb / 2P
COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
Microsemi Corporation
2N5152 MICROSEMI-2N5152 Datasheet
68Kb / 2P
NPN POWER SILICON TRANSISTOR
More results

Similar Description - 2N5152

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5151 SEME-LAB-2N5151 Datasheet
20Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5322 SEME-LAB-2N5322 Datasheet
19Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5151-220M SEME-LAB-2N5151-220M Datasheet
26Kb / 3P
HIGH SPEED MEDIUM VOLTAGE
2N5154X-220M SEME-LAB-2N5154X-220M Datasheet
26Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XSMD SEME-LAB-2N5154XSMD Datasheet
23Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XX SEME-LAB-2N5154XX Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5151 SEME-LAB-2N5151_01 Datasheet
48Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5152 SEME-LAB-2N5152_04 Datasheet
27Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
2N5322 SEME-LAB-2N5322_03 Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com