Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5154 Datasheet(PDF) 3 Page - Seme LAB

Part # 2N5154
Description  HIGH SPEED MEDIUM VOLTAGE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5154 Datasheet(HTML) 3 Page - Seme LAB

  2N5154 Datasheet HTML 1Page - Seme LAB 2N5154 Datasheet HTML 2Page - Seme LAB 2N5154 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2N5152
2N5154
Prelim. 3/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
µA
mA
µA
µA
mA
V
pF
µs
µs
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
1
1
500
50
1
1
80
0.75
1.5
1.45
2.2
1.45
50
70
200
40
35
250
50
3.5
0.5
1.3
ICES
ICEV
ICEO
IEBO
VCEO(SUS)
VCE(sat)
VBE(sat)
VBE
hFE
CCBO
hFE
ton
toff
Collector Cut Off Current
Collector Cut Off Current
Collector Cut Off Current
Emitter Cut Off Current
Collector Emitter Saturation Voltage
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Base Emitter Voltage
DC Current Gain
Collector Base Capacitance
Small Signal Current Gain
Turn On Time
Turn Off Time
VCE = 60V
VBE = 0
VCE = 100V
VBE = 0
VCE = 60V
Tcase = 150°C
VBE = -2V
VCE = 40V
IB = 0
VEB = 5V
IC = 0
VEB = 6V
IC = 0
IC = 100mA
IB = 0
IC = 2.5A
IB = 250mA
IC = 5A
IB = 500mA
IC = 2.5A
IB = 250mA
IC = 5A
IB = 500mA
IC = 2.5A
VCE = 5V
IC = 50mA
VCE = 5V
IC = 2.5A
VCE = 5V
IC = 5A
VCE = 5v
Tcase = -55°C
IC =2.5A
VCE = 5V
IE = 0
VCB = 10V
f = 1MHz
IC = 0.1A
VCE = 5V
f = 1KHz
IC = 0.5A
VCE = 5v
f = 20MHz
IC = 5A
VCC = 30v
IB1 = 0.5A
IC = 5A
VCC = 30V
IB1=-IB2 = 0.5A
ELECTRICAL CHARACTERISTICS FOR 2N5154 (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300ms , d < 2%
Rthj-case
Rthj-amb
15
175
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
°C/W
°C/W
THERMAL DATA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com