Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2016A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2016A
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2016A Datasheet HTML 4Page - NXP Semiconductors UBA2016A Datasheet HTML 5Page - NXP Semiconductors UBA2016A Datasheet HTML 6Page - NXP Semiconductors UBA2016A Datasheet HTML 7Page - NXP Semiconductors UBA2016A Datasheet HTML 8Page - NXP Semiconductors UBA2016A Datasheet HTML 9Page - NXP Semiconductors UBA2016A Datasheet HTML 10Page - NXP Semiconductors UBA2016A Datasheet HTML 11Page - NXP Semiconductors UBA2016A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
8 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
7.2.2 Protection
The PFC incorporates the following protection mechanisms:
• When voltage on pin FBPFC drops below open/short protection threshold voltage
Vth(osp)(FBPFC), the gate is turned off and the start of a new cycle is inhibited. A small
internal filter prevents this protection reacting to a negative spike.
• When pin FBPFC is left open, a pull-down bias current Ibias(FBPFC) ensures that the pin
voltage drops below Vth(osp)(FBPFC).
• When voltage at pin FBPFC rises above overvoltage threshold voltage Vth(ov)(FBPFC)
the gate immediately turns off. A new cycle will not start while VFBPFC remains above
Vth(ov)(FBPFC). This limits the PFC output voltage. This protection is disabled during the
leading edge blanking time tleb(FBPFC) after GPFC goes high.
• When the toff(PFC)low timer sequence has ended with no demagnetization detected
(VAUXPFC has not risen above Vdet(demag)) the on-time of the next cycle will be the no
demagnetization detected PFC on-time ton(PFC)nodemag to prevent excessive current
build up in the coil.
• Bias current Ibias(AUXPFC) ensures that pin AUXPFC is HIGH when not connected
ensuring pin GPFC stays LOW.
7.3 Half-bridge driver
The IC incorporates drivers for the half-bridge switches and all related circuits such as
non-overlap, high voltage level shifter, bootstrap circuit for the floating supply and hard
switching and capacitive mode detection.
The UBA2016A/15/15A is designed to drive a half-bridge inverter with an inductive load.
The load consists typically of an inductor with a resonant capacitor and a TL or CFL. A
basic half-bridge application circuit driving a TL is shown in Figure 7 which also shows a
typical IC supply configuration with a start-up bleeder resistor and a dV/dt supply.
Fig 7.
Basic half-bridge and IC supply connection diagram
VBUS
UBA2016A
UBA2015
UBA2015A
VDD
GND
GHHB
SHHB
FSHB
GLHB
001aam534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com