Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBAAWS Datasheet(PDF) 2 Page - OptoSupply International

Part # IBAAWS
Description  PRODUCT SPECIFICATION FOR E27 LED Bulb
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

IBAAWS Datasheet(HTML) 2 Page - OptoSupply International

  IBAAWS Datasheet HTML 1Page - OptoSupply International IBAAWS Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED & Application Technologies
Optosupply Limited
http://www.optosupply.com
2
Device Selection Guide
Module No.
LED NO
Color
Color
Temperature
(Typ.)
LED
Qty
(Pcs)
Total Luminous
Flux
(Typ.)
IBAAWS
OSW44356A2A
White
6327K
24
73 lm
IBAADS
OSMX4356A2A Warm White
2700K
24
60lm
Electrical parameter:
Mode No
Min
Typ.
Max
Unit
Working Voltage
100
110
120
V
Operating Current
9
10
11
mA
Gross Power
0.9
1.1
1.2
W
Power Factor
0.86
0.9
0.91
Use Parameter:
Project
Parameter Values
Operating Temperature
-20℃~45℃
Storage Temperature
-40℃~85℃
Humidity
90
≦
﹪
Overall Dimensions
110mm*60mm
Interface
E27
Weight
38g
Recommend Mounting Height
2.5m
Module No
IBAAXS
REV.
C3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com