Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBABWS Datasheet(PDF) 2 Page - OptoSupply International

Part # IBABWS
Description  The power efficiency is 85% typically, the Power factor 0.85 typically
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

IBABWS Datasheet(HTML) 2 Page - OptoSupply International

  IBABWS Datasheet HTML 1Page - OptoSupply International IBABWS Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED & Application Technologies
Optosupply Limited
http://www.optosupply.com
2
Device Selection Guide
Module No.
LED NO
Color
Color
Temperature
(Typ.)
LED Qty
(Pcs)
Total Luminous
Flux
(Typ.)
IBABWS
OSWW4256A2A
White
6500K
37
134 lm
IBABDS
OSMM4256A2A-2700K Warm White
2700K
37
110 lm
Electrical parameter:
Mode No
Min
Typ.
Max
Unit
Working Voltage
90
110
120
V
Operating Current
9
24
32
mA
Gross Power
0.7
2.3
3.5
W
Power Factor
0.87
0.87
0.89
Use Parameter:
Project
Parameter Values
Operating Temperature
-20℃~45℃
Storage Temperature
-40℃~85℃
Humidity
90
≦
﹪
Overall Dimensions
131mm*80mm
Interface
E27
Weight
46g
Recommend Mounting Height
2.5m
Module No
IBABXS
REV.
C2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com