Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2015AP Datasheet(PDF) 22 Page - NXP Semiconductors

Part # UBA2015AP
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AP Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button UBA2015AP Datasheet HTML 18Page - NXP Semiconductors UBA2015AP Datasheet HTML 19Page - NXP Semiconductors UBA2015AP Datasheet HTML 20Page - NXP Semiconductors UBA2015AP Datasheet HTML 21Page - NXP Semiconductors UBA2015AP Datasheet HTML 22Page - NXP Semiconductors UBA2015AP Datasheet HTML 23Page - NXP Semiconductors UBA2015AP Datasheet HTML 24Page - NXP Semiconductors UBA2015AP Datasheet HTML 25Page - NXP Semiconductors UBA2015AP Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
22 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
7.6.6 Coil saturation protection
When the peak voltage on pin SLHB exceeds saturation threshold voltage Vth(sat)SLHB, an
additional current Iadd(CF) is sourced to pin CF to shorten the running oscillator cycle. In
Ignition state the fault timer is started and a discharge current Idch(CIFB) is drawn from pin
CIFB during the next cycle to increase the switching frequency.
In Burn state the IC will go to Stop state if coil saturation is detected longer than the
saturation detection delay time td(det)sat.
Current Ibias(SLHB) is sourced to pin SLHB which will force the controller into coil saturation
protection if pin SLHB is left open.
7.6.7 Lamp overcurrent protection
If voltage on pin IFB exceeds the overcurrent detection threshold voltage Vth(ocd)(IFB), and
the oscillator is running at fsw(high), an overcurrent is detected and the IC will immediately
enter the Stop state.
7.6.8 Lamp overvoltage protection
When the peak voltage on pin VFB exceeds Vth(ov)(VFB), the fault timer is started and a
discharge current Idch(CIFB) is drawn from pin CIFB during the next cycle to increase the
switching frequency.
When VVFB >Vth(ovextra)(VFB) for longer than the fault activation delay time tdet(fault) then the
IC will enter the Stop state.
7.6.9 Lamp removal detection
Removing the lamp from applications that have the resonant capacitor connected via the
lamp filaments, will result in hard switching because current cannot flow through the
ballast inductor.
If hard switching is detected during Ignition or Burn state the fault timer will be started.
For applications with the resonant capacitor connected directly to the ballast inductor,
capacitive mode, coil saturation or over voltage will be detected. Capacitive mode is
activated if the switching frequency ends up below the resonance frequency due to
removal of the lamp. If the switching frequency is near or above the resonance frequency,
the lamp (or rather the lamp socket) voltage and half-bridge current will be very high due
to the unloaded resonant circuit (lamp inductor and lamp capacitor) which activates the
coil saturation protection or the overvoltage protection.
7.6.10 Temperature protection
When the temperature is above Tth(act)otp and GLHB is high, the IC enters Standby state.
The IC cannot exit the Standby state until the temperature drops below Tth(rel)otp.
7.6.11 Fault timer
Any fault that starts the fault timer must be detected for longer than the fault activation
delay time td(act)fault to actually start the timer. When the timer is started, the capacitor at
pin CPT is alternately being charged and discharged. After 8 charging and 7 discharging
cycles the fault time-out period tto(fault) is reached and the IC enters either the Stop state or
the Auto-restart state, depending on the fault detected, the current state of the timer and
the number of ignition attempts; see Figure 9 “State diagram”. If the fault that started the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com