Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5338X Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5338X
Description  NPN SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5338X Datasheet(HTML) 2 Page - Seme LAB

  2N5338X Datasheet HTML 1Page - Seme LAB 2N5338X Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
µA
µA
mA
µA
V
V
V
MHz
pF
ns
ms
ns
Rthj-case
Rthj-amb
29.2
175
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
°C/W
°C/W
10
10
1
100
100
0.7
1.2
1.2
1.8
60
60
240
40
30
250
200
2.5
200
2N5338X
2N5339X
LAB
SEME
Prelim. 11/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ICBO
ICEX
ICEO
VCEO(sus)*
VCE(sat)*
VBE(sat)*
hFE*
fT
CCBO
ton
ts
tf
Collector Cut Off Current
Collector Cut Off Current
Collector Cut Off Current
Collector Emitter Sustaining Voltage
Collector Emitter Saturation Voltage
Base Emitter Voltage
DC Current Gain
Transistion Frequency
Collector Base Capacitance
Turn-on Time
Storage Time
Fall Time
IE = 0
VCB = 100V
VBE = 1.5V
VCE = 90V
Tcase = 150°C
IB = 0
VCE = 90V
IB = 0
IC = 50mA
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 0.5A
VCE = 2V
IC = 2A
VCE = 2V
IC = 5A
VCE = 2V
IC =0.5mA
VCE = 10V
IE = 0
VCB = 10V
f = 0.1MHz
IC = 2A
VCC = 40V
IB1 = 0.2mA
IC = 2A
VCC = 40V
IB1 = - IB2 = 0.2A
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300ms , Duty Cycle 1.5%
THERMAL DATA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com