Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBADDS Datasheet(PDF) 2 Page - OptoSupply International

Part # IBADDS
Description  PRODUCT SPECIFICATION FOR E27 LED Bulb Quick start up
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

IBADDS Datasheet(HTML) 2 Page - OptoSupply International

  IBADDS Datasheet HTML 1Page - OptoSupply International IBADDS Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED & Application Technologies
Optosupply Limited
http://www.optosupply.com
2
Device Selection Guide
Module No.
LED NO
Color
Color
Temperature
(Typ.)
LED Qty
(Pcs)
Total Luminous
Flux
(Typ.)
IBADWS
OSW44256A2A
White
6500K
37
177 lm
IBADDS
OSMX4256A2A Warm White
2700K
37
150 lm
Electrical parameter:
Mode No
Min
Typ.
Max
Unit
Working Voltage
190
220
230
V
Operating Current
9
20
21
mA
Gross Power
1.5
4
4.3
W
Power Factor
0.83
0.85
0.89
Use Parameter:
Project
Parameter Values
Operating Temperature
-20℃~45℃
Storage Temperature
-40℃~85℃
Humidity
90
≦
﹪
Overall Dimensions
131mm*80mm
Interface
E27
Weight
46g
Recommend Mounting Height
2.5m
Module No
IBADXS
REV.
C2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com