Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6782LCC4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6782LCC4
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6782LCC4 Datasheet(HTML) 2 Page - Seme LAB

  2N6782LCC4 Datasheet HTML 1Page - Seme LAB 2N6782LCC4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
V/°C
W
V
S (É)
mA
nA
pF
nC
ns
A
V
ns
mC
°C/W
THERMAL CHARACTERISTICS
2N6782LCC4
10/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
100
0.10
0.6
0.69
24
0.8
25
250
100
–100
180
82
15
4.1
6.5
0.4
1.6
1.4
3.5
15
25
25
20
3.1
12
1.5
180
2.0
Negligible
11
27
VGS = 0
ID = 1mA
Reference to 25°C
ID = 1mA
VGS = 10V
ID = 2A
VGS = 10V
ID = 3.1A
VDS = VGS
ID = 250mA
VDS ³ 15V
IDS = 2A
VGS = 0
VDS = 0.8BVDSS
TJ = 125°C
VGS = 20V
VGS = –20V
VGS = 0
VDS = 25V
f = 1MHz
VGS = 10V
ID = 3.1A
VDS = 0.5BVDSS
VDD = 50V
ID = 3.1A
RG = 7.5W
IS = 3.1A
TJ = 25°C
VGS = 0
IF = 7.4A
TJ = 25°C
di / dt £ 100A/msVDD £ 50V
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance 1
Gate Threshold Voltage
Forward Transconductance 1
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current 2
Diode Forward Voltage 1
Reverse Recovery Time
Reverse Recovery Charge 1
Forward Turn–On Time
BVDSS
DBVDSS
DTJ
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
RqJC
RqJPC
STATIC ELECTRICAL RATINGS
Notes
1) Pulse Test: Pulse Width
£ 300ms, d£ 2%
2) Repetitive Rating – Pulse width limited by maximum junction temperature.
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Thermal Resistance Junction – Case
Thermal Resistance Junction – PC Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com