Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5XMEC1E Datasheet(PDF) 2 Page - OptoSupply International

Part # M5XMEC1E
Description  9PCS Xeon 1 Power LED Green light source, fast response
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

M5XMEC1E Datasheet(HTML) 2 Page - OptoSupply International

  M5XMEC1E Datasheet HTML 1Page - OptoSupply International M5XMEC1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Condition
Overall
luminous flux
(Typ.)
R5XME1C1E
Red
625 nm
IF=1050mA
450 lm
G5XME1C1E
Green
525 nm
IF=1050mA
675lm
B5XME1C1E
Blue
470 nm
IF=1050mA
135 lm
Y5XME1C1E
Yellow
590 nm
IF=1050mA
450 lm
W4XME1C1E
White
X=0.31,Y=0.33
6500K
IF=1050mA
900 lm
M5XMEC1E
Warm White X=0.45.Y=0.41
3000K
IF=1050mA
675 lm
M4XME1C1E
Warm White
X=0.49,Y=0.43
2500K
IF=1050mA
765 lm
M7XME1C1E
Warm White
X=0.38,Y=0.39
4000K
IF=1050mA
765 lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Vidc(B, W, G)
12
Operating supply range(DC)
Vidc(R, Y)
9
V
Input Current (DC)
Ii
1.5
A
Pa(B, W, G)
27
Power Dissipation
Pa(R, Y)
20.25
W
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tstg
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
Pm(B, W, G)
10.5
14.4
LED Module Power
Pm(R, Y)
-
7.9
10.8
w
Vi(B, W, G)
10
12
Input Voltage(DC)
Vi (R, Y)
-
7.5
9
V
Product Input Current
If
-
1.05
1.2
A
Beam Pattern
BP
-
120
-
Deg
Total Diameter of PCB
Lmod.
-
88
-
mm
Net Weight
Wei.
---
40
---
g
Model No.
OSPR9X02-
XXXME1C1E
REV.
C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com