Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6849 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6849
Description  P.CHANNEL POWER MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6849 Datasheet(HTML) 2 Page - Seme LAB

  2N6849 Datasheet HTML 1Page - Seme LAB 2N6849 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 9/00
LAB
SEME
2N6849
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
W
V
nA
mA
V
(S É )
pF
nC
ns
A
V
ns
mC
—
-100
0.30*
-2
-4
-100
100
-250
-1000
- 2.1
2.5
3.5
7.5
500
300
100
25
45
13
23
12
22
30
60
70
140
70
140
70
140
-6.5
-25
4
250
1.8
negligible
VGS = 0
ID = 250mA
VGS = -10V
ID = - 4.1A
VDS = VGS
ID = - 0.25mA
VGS = - 20V
VGS = 20V
VDS = Max rating x 0.8
VGS = 0V
TC = -125°C
VDS ³ ID(on)RDS(on)max.
VGS = -10V
ID = - 6.5A
VDS = -5V
ID = - 4.1A
VGS = 0V
VDS = - 25V
f = 1.0 MHz
VGS = -15V
ID = - 15A
VDS = 08v Max Rating
VDD = - 42V
ID = - 4.1A
Zo = 50
W
Modified MOSFETSymbol
showing the integralreverse
P-N Junction rectifier.
VGS = 0
IS = 6.5A
TJ = 25°C
IF = - 6.5A
TJ = 25°C
diF/dt = 100 A/ms
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage*
Static Drain – Source On–State
Resistance 1
Gate Threshold Voltage*
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Zero Gate Voltage Drain Current*
On-State Drain Voltage1
Forward Transconductance 1
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continous Source Current*
Pulse Source Current |(Body Diode)2
Diode Forward Voltage 1
Reverse Recovery Time
Reverse Recovery Charge
Forward Turn–On Time
BVDSS
RDS(on)
VGS(th)
IGSS
IGSS
IDSS
VDS(on)
gfs
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
STATIC ELECTRICAL RATINGS
SOURCE – DRAIN DIODE CHARACTERISTICS
*JEDEC Registered Value
1 Pulse Test: Pulse Width
£ 300ms, duty cycle £ 2%
2 Repetitive Rating: Pulse width limited by max. junction temperature
3 VDD = 25V starting Tj = 25.°C, L=17.25mH, RG = 25W, Peak IL = 6.5A
D
G
S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com