Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK13 Datasheet(PDF) 1 Page - GREATECS

Part # RK13
Description  Miniature Rocker & Paddle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK13 Datasheet(HTML) 1 Page - GREATECS

  RK13 Datasheet HTML 1Page - GREATECS RK13 Datasheet HTML 2Page - GREATECS RK13 Datasheet HTML 3Page - GREATECS RK13 Datasheet HTML 4Page - GREATECS RK13 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rocker Switches
RK13 Series
sales@greatecs.com
www.greatecs.com
1
Miniature Rocker & Paddle Switches
General Specifications:
RK13
How to order:
1
2
3
5
6
4
7
8
AG
AU
UT
GT
UG
UGT
E
N
blank
V
CONTACT MATERIAL:
Silver
Gold
Gold, Tin-lead
Silver, Tin-lead
Gold over Silver
Gold over Silver, Tin-lead
SEAL:
Epoxy (Standard)
No Epoxy
ROHS & LEAD FREE:
RoHS compliant
RoHS & lead free
S1
S2
S3
S4
S5
D1
D2
D3
D4
D5
D6
D7
D8
T1
T2
T3
T4
T5
F1
F2
F3
F4
F5
F6
F7
F8
A5
A6
A6K
A7
A7K
A8
A9
A11
A12
A13
A16
A17X
A18X
J1
J2
J3
J4
J5
J6
J7
J8
POLES & SWITCH FUNCTION:
SP ON-NONE-ON
SP ON- NONE-MOM
SP ON-OFF-ON
SP MOM-OFF-MOM
SP ON-OFF-MOM
DP ON-NONE-ON
DP ON-NONE-MOM
DP ON-OFF-ON
DP MOM-OFF-MOM
DP ON-OFF-MOM
DP ON-ON-ON
DP MOM-ON-MOM
DP ON-ON-MOM
3P ON-NONE-ON
3P ON-NONE-MOM
3P ON-OFF-ON
3P MOM-OFF-MOM
3P ON-OFF-MOM
4P ON-NONE-ON
4P ON-NONE-MOM
4P ON-OFF-ON
4P MOM-OFF-MOM
4P ON-OFF-MOM
4P ON-ON-ON
4P MOM-ON-MOM
4P ON-ON-MOM
ACTUATOR:
1
2
7
8
9
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 40,000 cycles
CONTACT RATING
» AG, GT, UG & UGT: 5A 120VAC/28VDC
2A 250VAC
» AU & UT: 0.4 VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 10m
max. initial @ 2-4VDC
for both silver & gold plated contacts
» Insulation Resistance: 1,000M
min
9
T1
T2
T3
T51
T52
T53
T54
T6
T6N
T7
T7N
VS2
V2N
VS3
VS4
VS5
TERMINALS:
Solder Lug
PC Thru-hole
Quick Connect
18.70 High, Wire Wrap
24.20 High, Wire Wrap
10.50 High, Wire Wrap
26.97 High, Wire Wrap
Right Angle, PC Thru- hole
Right Angle, Snap-in PC Thru-hole
Vertical Right Angle, PC Thru-hole
Vertical Right Angle, Snap-in,
PC Thru-hole
11.68 High, V-bracket
11.68 High, Snap-in, V-bracket
16.00 High, V-bracket
11.68 High, V-bracket
16.00 High, V-bracket
6
33.08 Long Rocker (Support)
Rocker with Frame
Rocker with Frame, Snap-in
Lever with Frame
Lever with Frame, Snap-in
Lever with Frame
Lever with Frame
9.19 Long Rocker (Support)
Lever (Support)
Lever (Support)
Lever (Support)
Rocker with Frame for LED, Snap-in
Lever with Frame for LED, Snap-in
13.49 Long Rocker
Lever
23.01 Long Rocker
Lever
9.19 Long Rocker
Lever
Lever
Lever
P.C.MOUNT Only
ACTUATOR MARKING
3
A
B
C
D
E
F
G
H
ACTUATOR & FRAME COLOR
4
A
E
Black(Std.)
Green
Yellow
H
DK
Grey
Orange
Brown
B
C
G
White
Red
Blue
5
+
» Dieletric Strength: 1,000V RMS@sea level
» Actuator: Nylon
» Bushing: Brass, nickel plated
» Housing: Stainless Steel
» Switch Support: Brass, tin plated
RK13S1A1NANT1AGEV
F
N Without
RK13S1J1NANT6AGEV
RK13S1J1NANT7AGEV
RK13S1J1NANVS2AGEV
RK13S1J1NANVS4AGEV
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
A1
A2
A3
A4
13.49 Long Rocker (Support)
Lever(Support)
23.01 Long Rocker (Support)
Lever (Support)
N


Similar Part No. - RK13

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RK13 SANKEN-RK13 Datasheet
43Kb / 2P
Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
RK13 EIC-RK13 Datasheet
27Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Sanken electric
RK13 SANKEN-RK13 Datasheet
75Kb / 2P
Schottky Barrier Diodes
More results

Similar Description - RK13

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
Sealed Miniature Rocker & Paddle Switches
logo
E-SWITCH
300 E-SWITCH-300 Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
300A E-SWITCH-300A Datasheet
745Kb / 6P
ROCKER AND PADDLE SWITCHES - MINIATURE
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
Miniature Rocker and Paddle Switches
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
Sealed Miniature Rocker and Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
Rocker/Paddle Switches, A Series, Part Number Matrix
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
Single/Double Pole Lighted Rocker & Paddle Switches
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
Single Pole Rocker & Paddle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com