Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK8LS1DFAL0CB2TC Datasheet(PDF) 1 Page - GREATECS

Part # RK8LS1DFAL0CB2TC
Description  Ultra Small Rocker Switch with LED Illumination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK8LS1DFAL0CB2TC Datasheet(HTML) 1 Page - GREATECS

  RK8LS1DFAL0CB2TC Datasheet HTML 1Page - GREATECS RK8LS1DFAL0CB2TC Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rocker Switches
Ultra Small Rocker Switch with LED Illumination
RK8L Series
sales@greatecs.com
www.greatecs.com
1
NO. OF POLES
1
RK8L
How to order:
1
2
S
Single Pole
1
SWITCHING FUNCTION
1
1
2
3
ON-OFF
ON-ON
MOM-OFF
2
Rating: 3A250VAC
6A125VAC
3A250VAC ~μT100
Initial Contact Resistance: 20 mohm MAX.
Insulation Resistance: 100 Mohm MIN. at 500VDC
Dielectric Strength: 1,000VAC for 1 Minute
TERMINAL TYPE
1
D
Solder Tag
3
ILLUMINATION TYPE
1
N
LL
L0
L1
L2
L3
No Illumination
Full Illumination (Transp. Actustor)
Illuminated Laser Icon
(Flat Rocker)
(Flat Rocker)
(High Paddle)
6
ACTUATOR COLOR
1
T
A
F
Transparent
Black
B White
C Red
Green
G Blue
D Orange
5
LEGEND COLOR
1
0
A
B
T
No Legend
Black
White
Transparent
10
3
4
5
6
7
8
RK8LS_DTLL_000_
GENERAL SPECIFICATIONS:
RK8LS1DF_L0_B2T_
ACTUATOR TYPE
1
F
P
Flat Rocker
High Paddle
4
LEGEND
1
0
1
2
3
4
5
9
LEGEND TYPE
1
0
P
B
No Legend
Normal Printing
Baled Printing with Laser Icon
8
BASE COLOR
1
A
B
C
Black (Standard)
White
Red
11
LED COLOR
1
N
C
D
E
B
G
F
No Illumination
Red (1.9-2.2V)
Orange (1.9-2.2V)
Yellow (1.9-2.2V)
White (2.8-3.2V)
Blue (2.8-3.2V)
Green (2.8-3.2V)
7
9
10
11


Similar Part No. - RK8LS1DFAL0CB2TC

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
15 x 10 mm SP Ultra Miniature Rocker Switch
logo
Rockchip Electronics Co...
RK808 ROCKCHIP-RK808 Datasheet
2Mb / 75P
Power Management System Technical Specifications
RK808-B ROCKCHIP-RK808-B Datasheet
2Mb / 75P
Power Management System Technical Specifications
RK808-C ROCKCHIP-RK808-C Datasheet
2Mb / 75P
Power Management System Technical Specifications
RK816 ROCKCHIP-RK816 Datasheet
2Mb / 78P
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Revision 1.3 Nov.2017
More results

Similar Description - RK8LS1DFAL0CB2TC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA0151CS SANYO-LA0151CS Datasheet
145Kb / 6P
Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
LA0152CS SANYO-LA0152CS Datasheet
243Kb / 6P
Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
Touch-Sensitive Switch with LED Illumination
SB54 GREATECS-SB54 Datasheet
136Kb / 1P
SMT Slide Switches with LED Illumination
logo
Sanyo Semicon Device
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
For Ultra-small illumination Sensor Photo IC
logo
ON Semiconductor
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
MAX6501 ONSEMI-MAX6501 Datasheet
125Kb / 12P
Ultra Small Temperature Switch
February, 2003 - Rev. 2
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
LED illumination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com