Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK32 Datasheet(PDF) 2 Page - GREATECS

Part # TK32
Description  Sub-Miniature SPDT Toggle Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK32 Datasheet(HTML) 2 Page - GREATECS

  TK32 Datasheet HTML 1Page - GREATECS TK32 Datasheet HTML 2Page - GREATECS TK32 Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Toggle Switches
Sub-Miniature DPDT Toggle Switches
TK32 Series
TK32D1A1B1T1_ _ Solder Lug
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
CONTACT RATING
» AG, GT, UG & UGT: 3A120VAC/28VDC
1A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 10mΩ max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000MΩ min.
TK32
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
TK32D1A2B2T7_ _ THT Vertical Right Angle
6
5
7
TK32D1A2B2T6_ _ THT Right Angle
TK32D1A2B2VS2_ _ V-Bracket
D1
D2
D3
A1
A2
A3
A4
A5
B1
B2
B3
B4
B5
B6
B7
B8
T1
T2
T5
POLES & SWITCH FUNCTION:
DP ON-NONE-ON
DP ON-NONE-MOM
DP ON-OFF-ON
ACTUATOR (See page A11):
Height = 9.40 mm
Height = 5.33 mm
Height = 7.37 mm
Height = 10.41 mm
Height = 5.59 mm
BUSHING (See page A11):
Height = 5.59 mm, flat (thd)
Height = 5.59 mm, flat (non-thd)
Height = 5.59 mm, keyway (thd)
Height = 5.59 mm, keyway (non-thd)
Height = 7.87 mm, flat (thd)
Height = 7.87 mm, flat (non-thd)
Height = 6.60 mm, keyway (thd)
Height = 6.60 mm, keyway (non-thd)
TERMINALS(See page A11):
Solder Lug
PC Thru Hole
Wire Wrap
T6
T6N
T7
T7N
VS2
V2N
VS3
V3N
AG
AU
UT
GT
UG
UGT
E
N
blank
V
PC Thru Hole, Right Angle
PC Thru Hole, Right Angle, Snap-in
PC Thru Hole, Vertical Right Angle
PC Thru Hole, Vertical Right Angle,
Snap-in
V-Bracket
Snap-in V-Bracket
V-Bracket
Snap-in V-Bracket
CONTACT MATERIAL:
Silver
Gold
Gold, Tin-Lead
Silver, Tin-Lead
Gold over Silver
Gold over Silver, Tin-Lead
SEAL:
Epoxy (Standard)
No Epoxy
ROHS & LEAD FREE:
RoHS Compliant (Standard)
RoHS Compliant & Lead Free
1
2
3
4
6
5
7
No. Poles
Model No.
Switch Function
Connected Terminals / Shematic
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
DP
TK32D1
ON
NONE
ON
2-3, 5-6
N/A
2-1, 5-4
DP
TK32D2
ON
NONE
MOM
DP
TK32D3
ON
OFF
ON
OPEN
EPOXY
SEAL
4.06
0.51
2.54
2.80
9.40
8.64
Ø2.54
5.59
4.06
1.52
Ø6.00
4.39
9.14
8.13
FLAT
5.59
4.93
4.01
0.41
5.08
2.54
0.76
3.30
0.51
EPOXY
SEAL
0.76
5.08
8.13
9.14
2.54
0.51
4.93
5.59
4.01
0.41
5.08
2.54
5.08
3.30
0.51
EPOXY
SEAL
9.14
8.13
0.76
0.76
5.08
4.93
EPOXY
SEAL
5.59
0.41
2.54
10.16
0.51
9.14
8.94
3.30
2.54
5.08
2.54
2.54
5.08
5.08
5.08
Ø1.09
P.C. MOUNTING
Ø1.09
5.08
5.08
2.54
2.54
P.C. MOUNTING
2.54
2.54
10.16
5.08
Ø1.09
P.C. MOUNTING
A10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com