Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YOS3C Datasheet(PDF) 4 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 4 Page - GREATECS

  YOS3C Datasheet HTML 1Page - GREATECS YOS3C Datasheet HTML 2Page - GREATECS YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
4
ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
Characteristics
Symbol
Conditions
Min
TYP
Max
Unit
Supply Voltage for
Operation
VDD
2.4
2.8
3.3
V
Supply Voltage for Display
VCC_C
Note 3
12.5
13
13.5
V
High Level Input
VIH
0.8×VDD
-VDD
V
Low Level Input
VIL
0
-
0.4
V
High Level Output
VOH
IOH = -0.1mA
VDD-0.4
-
V
Low Level Output
VOL
IOL = -0.1mA
-
0.4
V
Operating Current for VDD
IDD
-
2.5
3.5
mA
Operating Current for VCC_C
ICC
Note 4
Note 5
-
9.5
17.1
11.9
21.4
mA
mA
Note 3: Brightness (Lbr) and Supply Voltage for Display (Vcc_c) are subject to the
change of the panel characteristics and the customer’s request.
Note 4: VDD = 2.8V, VCC_C = 13V, 50% Display Area Turn on.
Note 5: VDD = 2.8V, VCC_C = 13V, 100% Display Area Turn on.
2.
Optics Characteristics
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Brightness
Lbr
With Polarizer
80
100
-
cd/m
2
C.I.E. (White)
(x)
(y)
With Polarizer
0.26
0.29
0.30
0.33
0.34
0.37
C.I.E. (Red)
(x)
(y)
With Polarizer
0.60
0.30
0.64
0.34
0.68
0.38
C.I.E. (Green)
(x)
(y)
With Polarizer
0.27
0.58
0.31
0.62
0.35
0.66
C.I.E. (Blue)
(x)
(y)
With Polarizer
0.10
0.12
0.14
0.16
0.18
0.20
Dark Room Contrast
CR
-
>2000:1
-
View Angle
>160
-
-
degree
* Optical measurement taken at VDD = 2.8V, VCC_C = 13V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com