Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM02129 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # TM02129
Description  HIGH FREQUENCY MAGNETICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TM02129 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  TM02129 Datasheet HTML 1Page - Bel Fuse Inc. TM02129 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2002 Bel Fuse Inc. Specifications subject to change without notice. 02.02
TM02129
page 2
DS3/E3/STS-1 Dual Transformers
0.485
[12.32]
max
0.375
[9.53]
max
0.285
[7.24]
max
0.018 ±0.002
[0.46 ±0.05]
0.225
[5.72]
max
0.050
[1.27]
0.003
[0.08]
min
0.350 ±0.010
[8.89 ±0.25]
0.008 - 0.012
[0.20 - 0.30]
0.035
[0.89]
6˚ nom
0.025
[0.64]
0.070
[1.78]
0.050
[1.27]
0.425
[10.80]
Suggested PCB Pad Layout
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.
0.004 [0.10]
MECHANICAL
S554-6500-15
S554-6500-16
S554-6500-17
S554-6500-18
Tape and Reel Packaging
24 mm wide by 12 mm pitch; 13 inch OD, 4 inch ID
750 modules per reel, maximum
Meets ANSI/EIA 481-2 Carrier Tape Standards - JEDEC SO Package
S554-6500-17
S554-6500-18
Secondary
Primary
Coil A
Coil B
2CT : 1
1 : 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Coil A
Coil B
1 : 1
1 : 2CT
Secondary
Primary
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCHEMATICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com