Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5755 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices AD5755 Datasheet HTML 22Page - Analog Devices AD5755 Datasheet HTML 23Page - Analog Devices AD5755 Datasheet HTML 24Page - Analog Devices AD5755 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD5755
Rev. 0 | Page 21 of 48
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
10
15
20
25
30
SUPPLY (V)
DNL ERROR MAX
DNL ERROR MIN
AVSS = –15V FOR AVDD > +26.4V
ALL RANGES
INTERNAL AND EXTERNAL RSET
TA = 25°C
Figure 43. Differential Nonlinearity Error vs. AVDD
0
0.002
0.004
0.006
0.008
0.010
0.012
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX TUE
4mA TO 20mA RANGE MIN TUE
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
Figure 44. Total Unadjusted Error vs. AVDD, External RSET
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX TUE
4mA TO 20mA RANGE MIN TUE
TA = 25°C
AVSS = –26.4V FOR AVDD > +26.4V
–0.020
–0.018
–0.016
–0.014
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
Figure 45. Total Unadjusted Error vs. AVDD, Internal RSET
6
5
4
3
2
1
0
02
15
10
5
TIme (µs)
0
AVDD = +15V
AVSS = –15V
TA = 25°C
RLOAD = 300Ω
Figure 46. Output Current vs. Time on Power-Up
4
–10
–8
–6
–4
–2
0
2
01
2
3
4
5
6
TIME (µs)
AVDD = +15V
AVSS = –15V
TA = 25°C
RLOAD = 300Ω
INT_EN = 1
Figure 47. Output Current vs. Time on Output Enable
0
5
10
15
20
25
30
–0.50 –0.25
0
0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
TIME (ms)
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
AVCC = 5V
TA = 25°C
IOUT
VBOOST
Figure 48. Output Current and VBOOST_x Settling with DC-to-DC Converter
(See Figure 78)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com