Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5757 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices AD5757 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD5757
Rev. A | Page 21 of 44
TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy, or integral nonlinearity, is a
measure of the maximum deviation, in LSBs, from the best fit
line through the DAC transfer function. A typical INL vs. code
plot is shown in Figure 8.
Differential Nonlinearity (DNL)
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified differential nonlinearity of ±1 LSB
maximum ensures monotonicity. This DAC is guaranteed
monotonic by design. A typical DNL vs. code plot is shown in
Figure 9.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant for increasing digital input code. The AD5757 is
monotonic over its full operating temperature range.
Offset Error
Offset error is the deviation of the analog output from the ideal
zero-scale output when all DAC registers are loaded with
0x0000.
Gain Error
This is a measure of the span error of the DAC. It is the devia-
tion in slope of the DAC transfer characteristic from the ideal,
expressed in % FSR.
Gain TC
This is a measure of the change in gain error with changes in
temperature. Gain TC is expressed in ppm FSR/°C.
Full-Scale Error
Full-Scale error is a measure of the output error when full-scale
code is loaded to the DAC register. Ideally, the output should be
full-scale − 1 LSB. Full-scale error is expressed in percent of
full-scale range (% FSR).
Full-Scale TC
Full-scale TC is a measure of the change in full-scale error with
changes in temperature and is expressed in ppm FSR/°C.
Total Unadjusted Error
Total unadjusted error (TUE) is a measure of the output error
taking all the various errors into account, including INL error,
offset error, gain error, temperature, and time. TUE is expressed
in % FSR.
DC Crosstalk
This is the dc change in the output level of one DAC in response
to a change in the output of another DAC. It is measured with a
full-scale output change on one DAC while monitoring another
DAC, which is at midscale.
Current Loop Compliance Voltage
The maximum voltage at the IOUT_x pin for which the output
current is equal to the programmed value.
Voltage Reference Thermal Hysteresis
Voltage reference thermal hysteresis is the difference in output
voltage measured at +25°C compared to the output voltage
measured at +25°C after cycling the temperature from +25°C to
−40°C to +105°C and back to +25°C. The hysteresis is specified
for the first and second temperature cycles and is expressed in ppm.
Power-On Glitch Energy
Power-on glitch energy is the impulse injected into the analog
output when the AD5757 is powered-on. It is specified as the area
of the glitch in nV-sec. See Figure 24.
Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by
changes in the power supply voltage.
Reference TC
Reference TC is a measure of the change in the reference output
voltage with a change in temperature. It is expressed in ppm/°C.
Line Regulation
Line regulation is the change in reference output voltage due to
a specified change in supply voltage. It is expressed in ppm/V.
Load Regulation
Load regulation is the change in reference output voltage due to
a specified change in load current. It is expressed in ppm/mA.
DC-to-DC Converter Headroom
This is the difference between the voltage required at the
current output and the voltage supplied by the dc-to-dc
converter. See Figure 31.
Output Efficiency
CC
CC
LOAD
AI
AV
R
I
OUT
×
×
2
This is defined as the power delivered to a channel’s load vs. the
power delivered to the channel’s dc-to-dc input.
Efficiency at VBOOST_x
CC
CC
x
BOOST
OUT
AI
AV
V
I
×
×
_
This is defined as the power delivered to a channel’s VBOOST_x
supply vs. the power delivered to the channel’s dc-to-dc input.
The VBOOST_x quiescent current is considered part of the dc-to-
dc converter’s losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com