Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5757ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD5757ACPZ
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5757ACPZ Datasheet HTML 9Page - Analog Devices AD5757ACPZ Datasheet HTML 10Page - Analog Devices AD5757ACPZ Datasheet HTML 11Page - Analog Devices AD5757ACPZ Datasheet HTML 12Page - Analog Devices AD5757ACPZ Datasheet HTML 13Page - Analog Devices AD5757ACPZ Datasheet HTML 14Page - Analog Devices AD5757ACPZ Datasheet HTML 15Page - Analog Devices AD5757ACPZ Datasheet HTML 16Page - Analog Devices AD5757ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD5757
Rev. A | Page 13 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
CURRENT OUTPUTS
–0.0025
–0.0020
–0.0010
0.0005
0
0.0015
–0.0015
–0.0005
0.0010
0.0020
0.0025
0
10000
20000
30000
40000
50000
60000
CODE
AVDD = 15V
TA = 25°C
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET, EXTERNAL PMOS MODE
Figure 8. Integral Nonlinearity vs. Code
0
10000
20000
30000
40000
50000
60000
CODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
AVDD = 15V
TA = 25°C
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET, EXTERNAL PMOS MODE
Figure 9. Differential Nonlinearity vs. Code
0
10000
20000
30000
40000
50000
60000
CODE
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
AVDD = 15V
TA = 25°C
ALL CHANNELS ENABLED
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET, EXTERNAL PMOS MODE
Figure 10. Total Unadjusted Error vs. Code
–0.0010
–0.0008
–0.0006
–0.0004
–0.0002
0
0.0002
0.0004
0.0006
0.0008
0.0010
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
AVDD = 15V
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 11. Integral Nonlinearity vs. Temperature, Internal RSET
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0.0020
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
0mA TO 24mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = 15V
Figure 12. Integral Nonlinearity vs. Temperature, External RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = 15V
ALL RANGES
INTERNAL AND EXTERNAL RSET
DNL ERROR MAX
DNL ERROR MIN
Figure 13. Differential Nonlinearity vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com