Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPM Datasheet(PDF) 3 Page - Make-Ps

Part # PPM
Description  Single Output AC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

PPM Datasheet(HTML) 3 Page - Make-Ps

  PPM Datasheet HTML 1Page - Make-Ps PPM Datasheet HTML 2Page - Make-Ps PPM Datasheet HTML 3Page - Make-Ps PPM Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOTE:
Unit: mm
Pin section: 1.00mm
Pin tolerances: +/- 0.1mm
General tolerances: +/- 0.5mm
Dimensions / Pinning
No.
PPMxx-
A
No.
PPMxx-B
No.
PPMxx-C
No.
PPMxx-D
A
12.5
A
17.5
A
17.5
A
20.0
B
48.5
B
55.0
B
62.0
B
70.0
C
40.5
C
47.0
C
54.0
C
62.0
D
4.0
D
5.0
D
5.0
D
5.75
E
16.0
E
20.0
E
20.0
E
23.0
F
36.0
F
45.0
F
45.0
F
48.0
G
20.5
G
20.5
G
22.5
G
23.5
H
min. 6.0
H
min. 6.0
H
min. 6.0
H
min. 6.0
App Notes
Remarks :
1.Ripple and Noise were measured by the method of parallel lines;
2.Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load,
TA=25°C, humidity < 75%;
3.All specifications stated in this datasheet are subject to the above listed model only. For specifications of
non-standard model, please contact our technical support team.
#
Single Output
1
Ground*
2
AC (N)
3
AC (L)
4
- V Output
5
Omitted
6
Omitted
7
Omitted
8
+ V Output
TRIM
TRIM**
* No G. on PPM15-x
** Only for PPM20/25-x
PINNING PPMxx-x-xxE
www.make-ps.com
www.make-ps.com
E-mail:info@make-ps.com
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com