Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6649EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 15Page - Analog Devices AD6649EBZ Datasheet HTML 16Page - Analog Devices AD6649EBZ Datasheet HTML 17Page - Analog Devices AD6649EBZ Datasheet HTML 18Page - Analog Devices AD6649EBZ Datasheet HTML 19Page - Analog Devices AD6649EBZ Datasheet HTML 20Page - Analog Devices AD6649EBZ Datasheet HTML 21Page - Analog Devices AD6649EBZ Datasheet HTML 22Page - Analog Devices AD6649EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD6649
Rev. 0 | Page 19 of 40
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD6649.
The full-scale input range can be adjusted by varying the reference
voltage via SPI. The input span of the ADC tracks reference voltage
changes linearly.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD6649 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or via capacitors. These pins are biased
internally (see Figure 31) and require no external bias. If the
inputs are floated, the CLK− pin is pulled low to prevent spurious
clocking.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 31. Simplified Equivalent Clock Input Circuit
Clock Input Options
The AD6649 has a very flexible clock input structure. Clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter
is of the most concern, as described in the Jitter Considerations
section.
Figure 32 and Figure 33 show two preferable methods for clocking
the AD6649 (at clock rates of up to 625 MHz). A low jitter clock
source is converted from a single-ended signal to a differential
signal using an RF balun or RF transformer.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer is recom-
mended for clock frequencies from 10 MHz to 200 MHz. The
back-to-back Schottky diodes across the transformer secondary
limit clock excursions into the AD6649 to approximately 0.8 V p-p
differential. This limit helps prevent the large voltage swings of
the clock from feeding through to other portions of the AD6649
while preserving the fast rise and fall times of the signal, which
are critical to low jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 32. Transformer-Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
25Ω
25Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 33. Balun-Coupled Differential Clock (Up to 625 MHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input pins
as shown in Figure 34. The AD9510, AD9511, AD9512, AD9513,
AD9514, AD9515, AD9516, AD9517, AD9518, AD9520, AD9522,
AD9523, AD9524, and ADCLK905/ADCLK907/ADCLK925 clock
drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
Figure 34. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 35. The AD9510,
AD9511, AD9512, AD9513, AD9514, AD9515, AD9516, AD9517,
AD9518, AD9520, AD9522, AD9523, and AD9524 clock drivers
offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
Figure 35. Differential LVDS Sample Clock (Up to 625 MHz)
Input Clock Divider
The AD6649 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. The
duty cycle stabilizer (DCS) is enabled by default on power-up.
The AD6649 clock divider can be synchronized using the external
SYNC input. Bit 1 and Bit 2 of Register 0x3A allow the clock
divider to be resynchronized on every SYNC signal or only on
the first SYNC signal after the register is written. A valid SYNC
causes the clock divider to reset to its initial state. This synchro-
nization feature allows multiple parts to have their clock dividers
aligned to guarantee simultaneous input sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com