Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7280AWBSTZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD7280AWBSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280AWBSTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7280AWBSTZ Datasheet HTML 28Page - Analog Devices AD7280AWBSTZ Datasheet HTML 29Page - Analog Devices AD7280AWBSTZ Datasheet HTML 30Page - Analog Devices AD7280AWBSTZ Datasheet HTML 31Page - Analog Devices AD7280AWBSTZ Datasheet HTML 32Page - Analog Devices AD7280AWBSTZ Datasheet HTML 33Page - Analog Devices AD7280AWBSTZ Datasheet HTML 34Page - Analog Devices AD7280AWBSTZ Datasheet HTML 35Page - Analog Devices AD7280AWBSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD7280A
Rev. 0 | Page 32 of 48
SERIAL INTERFACE
The AD7280A serial interface is Mode 1 SPI compliant, that is,
the clock polarity (CPOL) is 0, and the clock phase (CPHA) is 1.
The interface consists of four signals: CS, SCLK, SDI, and SDO.
The SDI line is used to transfer data into the on-chip registers,
and the SDO line is used to read the on-chip registers and
conversion result registers. SCLK is the serial clock input for the
device; all data transfers, either on SDI or on SDO, take place
with respect to SCLK. Data is clocked into the AD7280A on the
SCLK falling edge. Data is clocked out of the AD7280A on the
SCLK rising edge. The CS input is used to frame the serial data
being transferred to or from the device.
The AD7280A allows 32-bit data transfer only and resets a
counter on the rising edge of CS to ensure that the AD7280A is
automatically resynchronized with the DSP/microprocessor on
every falling edge of CS. Individual 8-bit or 16-bit words can be
used to assemble a 32-bit command, but a single 32-bit wide CS
frame is required to correctly structure the assembly of the
32-bit command.
The rising edge of CS can also be used to initiate the sequence of
conversions by writing to the upper byte of the control register.
shows the timing diagram for the serial interface of the
AD7280A. See the
section for more
information about the daisy-chain interface.
Figure 2
Daisy-Chain Interface
WRITING TO THE AD7280A
In a battery monitoring application, up to eight AD7280As can
be daisy-chained to allow up to 48 individual Li-Ion cell voltages
to be monitored. Each write operation must, therefore, include
a device address and a register address, in addition to the data
to be written. An additional identifier bit is also required when
addressing all AD7280As in the daisy chain. The AD7280A SPI
interface, in combination with the daisy-chain interface, allows
any register in the stack of eight AD7280As to be updated using
one 32-bit write cycle. The 32-bit write sequence is shown in
Table 20. The AD7280A also requires an 8-bit CRC to be
included in each write command.
Device Address
The device address is a 5-bit address that allows each individual
AD7280A in the battery monitoring stack to be uniquely
identified. On initial power-up, each AD7280A is configured
with a default address of 0x00. A simple sequence of commands
allows each AD7280A to recognize its unique device address in
the stack (see the Initializing the AD7280A section).
This device address can then be locked to the AD7280A and used
in subsequent read and write commands. The device address is
written to and read from the AD7280A stack in reverse order,
that is, LSB first.
Register Address
The register map for the AD7280A is provided in Table 13. Each
register address is six bits long and is used when writing to or
reading from the on-chip registers of the AD7280A.
Register Data
When issuing a write command to a part in the stack of
AD7280A devices, the data to be written is an 8-bit word. As
shown in Table 13, all read/write registers are eight bits wide.
For more information about the correct settings for each
register, see the Register Map section.
Address All Parts
The AD7280A allows write commands to be issued simultane-
ously to all devices in the daisy chain, as well as write commands to
individual AD7280As. A write to all devices in the daisy chain is
completed by setting Bit D12 of the write command to 1. When
issuing a write all command, the device address should be set to
0x00. This device address is also used to calculate the 8-bit CRC
for transmission with the write all command.
8-Bit CRC
The AD7280A includes an 8-bit cyclic redundancy check (CRC)
on all write commands to either individual devices or to a chain
of devices. An AD7280A that receives an invalid CRC in the
write command does not execute the command. The CRC on
the write command is calculated based on Bits[D31:D11] of the
write command. These bits include the device address, the
register address, the data to be written, the address all parts bit,
and Bit D11. For more information about the CRC, see the
Cyclic Redundancy Check section.
Bit Pattern (010)
A required fixed bit pattern of 010 to Bits[D2:D0] of the 32-bit
write command of the AD7280A provides an additional stage of
verification. The correct position of this bit pattern is verified
on each write command received by the AD7280A. An
AD7280A that receives an incorrect bit pattern in the write
command does not execute the command.
Table 20. 32-Bit Write Cycle
Device Address1
Register Address
Register Data
Address All Parts
Reserved (0 Bit)
8-Bit CRC
Bit Pattern (010)
D31 to D27
D26 to D21
D20 to D13
D12
D11
D10 to D3
D2 to D0
1 The device address is configured LSB first. For example, to address the second device in the stack, that is, the first slave device, the sequence of bits input to the
AD7280A should be 10000. The register address, data bits, and CRC bits are input MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com