Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9484 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices AD9484 Datasheet HTML 10Page - Analog Devices AD9484 Datasheet HTML 11Page - Analog Devices AD9484 Datasheet HTML 12Page - Analog Devices AD9484 Datasheet HTML 13Page - Analog Devices AD9484 Datasheet HTML 14Page - Analog Devices AD9484 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9484
Rev. A | Page 11 of 24
40
45
50
55
60
65
70
75
80
85
50
100
150
200
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
SFDR (dBc), 30.3MHz
SFDR (dBc), 100.3MHz
SNR (dBFS), 30.3MHz
SNR (dBFS), 100.3MHz
Figure 10. SNR/SFDR vs. Sample Rate; 30.3 MHz, 100.3 MHz
40
30
10
20
0
50
60
70
80
90
100
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
AMPLITUDE (dB)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 11. SNR/SFDR vs. Input Amplitude; 500 MSPS,140.3 MHz
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
64
128
192
256
OUTPUT CODE
Figure 12. INL, 500 MSPS
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
64
128
192
256
OUTPUT CODE
Figure 13. DNL, 500 MSPS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.29 LSB rms
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
BINS
Figure 14. Grounded Input Histogram, 500 MSPS
–100
–80
–60
–40
–20
–10
–90
–70
–50
–30
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
500MSPS
119.5MHz AT –7.0dBFS
122.5MHz AT –7.0dBFS
200 220 240
SFDR: 77dBc
Figure 15. 64k Point, Two-Tone FFT; 500 MSPS,
119.2 MHz, 122.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com