Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1168ASTZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1168ASTZ
Description  Super Sequencer and Monitor with Nonvolatile Fault Recording
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1168ASTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1168ASTZ Datasheet HTML 9Page - Analog Devices ADM1168ASTZ Datasheet HTML 10Page - Analog Devices ADM1168ASTZ Datasheet HTML 11Page - Analog Devices ADM1168ASTZ Datasheet HTML 12Page - Analog Devices ADM1168ASTZ Datasheet HTML 13Page - Analog Devices ADM1168ASTZ Datasheet HTML 14Page - Analog Devices ADM1168ASTZ Datasheet HTML 15Page - Analog Devices ADM1168ASTZ Datasheet HTML 16Page - Analog Devices ADM1168ASTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADM1168
Rev. 0 | Page 13 of 28
SUPPLY SUPERVISION WITH VXx INPUTS
The VXx inputs have two functions. They can be used as either
supply fault detectors or as digital logic inputs. When selected as
analog (SFD) inputs, the VXx pins have functionality that is very
similar to the VH and VPx pins. The primary difference is that the
VXx pins have only one input range: 0.573 V to 1.375 V. Therefore,
these inputs can directly supervise only the very low supplies.
However, the input impedance of the VXx pins is high, allowing
an external resistor divide network to be connected to the pin.
Thus, potentially any supply can be divided down into the input
range of the VXx pin and supervised. This enables the ADM1168
to monitor other supplies, such as +24 V, +48 V, and −5 V.
An additional supply supervision function is available when the
VXx pins are selected as digital inputs. In this case, the analog
function is available as a second detector on each of the dedicated
analog inputs, VPx and VH. The analog function of VX1 is mapped
to VP1, VX2 is mapped to VP2, and so on. VX4 is mapped to
VH. In this case, these SFDs can be viewed as secondary or
warning SFDs.
The secondary SFDs are fixed to the same input range as the
primary SFDs. They are used to indicate warning levels rather
than failure levels. This allows faults and warnings to be generated
on a single supply using only one pin. For example, if VP1 is set
to output a fault when a 3.3 V supply drops to 3.0 V, VX1 can be
set to output a warning at 3.1 V. Warning outputs are available
for readback from the status registers. They are also OR’ed together
and fed into the SE, allowing warnings to generate interrupts on
the PDOs. Therefore, in this example, if the supply drops to 3.1 V, a
warning is generated, and remedial action can be taken before
the supply drops out of tolerance.
VXx PINS AS DIGITAL INPUTS
As described in the Supply Supervision with VXX Inputs section,
the VXx input pins on the ADM1168 have dual functionality.
The second function is as a digital logic input to the device.
Therefore, the ADM1168 can be configured for up to four digital
inputs. These inputs are TTL-/CMOS-compatible inputs. Standard
logic signals can be applied to the pins: RESET from reset generators,
PWRGD signals, fault flags, manual resets, and more. These
signals are available as inputs to the SE and, therefore, can be used
to control the status of the PDOs. The inputs can be configured
to detect either a change in level or an edge.
When configured for level detection, the output of the digital
block is a buffered version of the input. When configured for
edge detection, a pulse of programmable width is output from
the digital block, when the logic transition is detected. The
width is programmable from 0 μs to 100 μs.
The digital blocks feature the same glitch filter function that is
available on the SFDs. This function enables the user to ignore
spurious transitions on the inputs. For example, the filter can be
used to debounce a manual reset switch.
When configured as digital inputs, each VXx pin has a weak
(10 μA) pull-down current source available for placing the input
into a known condition, even if left floating. The current source,
if selected, weakly pulls the input to GND.
DETECTOR
VXx
(DIGITAL INPUT)
GLITCH
FILTER
DIGITIAL THRESHOLD = 1.4V
TO
SEQUENCING
ENGINE
+
–
Figure 17. VXx Digital Input Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com