Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX29 Datasheet(PDF) 1 Page - Seme LAB

Part # BFX29
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX29 Datasheet(HTML) 1 Page - Seme LAB

  BFX29 Datasheet HTML 1Page - Seme LAB BFX29 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BFX29
Prelim.5/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current Continuous
ICM
Collector Current Peak
IEM
Emitter Current Peak
Ptot
Total Power Dissipation Tamb < 25°C
Tstg
Storage Temperature
Tj
Operating Junction Temperature
60V
60V
5V
600mA
600mA
600mA
600 mW
–65 to 200°C
200°C
MECHANICAL DATA
Dimensions in mm (inches)
PNP SILICON EPITAXIAL
TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• General Purpose Industrial Applications
0. 89
( 0 . 035)
ma x .
12. 7 0
( 0 . 500)
mi n .
6. 1 0 ( 0 . 2 40)
6. 6 0 ( 0 . 2 60)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
7. 7 5 ( 0 . 3 05)
8. 5 1 ( 0 . 3 35)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
( 0 . 100)
5. 0 8 ( 0 . 2 00)
ty p .
45 °
1
2
3
TO39 PACKAGE
Pin 1 = Emitter
Pin 2 = Base
Pin 3 = Collector


Similar Part No. - BFX29

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFX29 SEME-LAB-BFX29 Datasheet
21Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX29 NJSEMI-BFX29 Datasheet
71Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
TT Electronics.
BFX29 TTELEC-BFX29 Datasheet
110Kb / 3P
SILICON PNP TRANSISTOR
logo
Seme LAB
BFX29 SEME-LAB-BFX29_03 Datasheet
21Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - BFX29

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com