Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFY50 Datasheet(PDF) 2 Page - Seme LAB

Part # BFY50
Description  MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFY50 Datasheet(HTML) 2 Page - Seme LAB

  BFY50 Datasheet HTML 1Page - Seme LAB BFY50 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Prelim.02/00
BFY50
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 100mAIE = 0
IC = 30mA
IB = 0
IC = 100mA
IE = 100mA
VCB = 60V
IE = 0
TC = 100°C
VEB = 5V
IC = 0
TC = 100°C
IC = 150mA
IE = 15mA
IC = 1A
IB = 0.1A
IC = 150mA
IB = 15mA
IC = 1A
IB = 0.1A
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 1mA
VCE = 10V
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)CEO*
Collector – Emitter Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
80
35
6
50
2.5
50
2.5
0.14
0.2
0.7
1
0.95
1.3
1.5
2
20
40
30
55
15
30
V
nA
mA
nA
mA
V
V
—
hfe
Small Signal Current Gain
hie
Imput Impedance
hrE
Reverse Voltage Ratio
hoe
Output Admittance
Ccbo
Collector -Base Capacitance
fT
Transistion Frequency
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
VCE = 6V
IC = 1mA
f = 1kHz
VCE = 6V
IC = 10mA
f = 1KHz
VCE = 5V
IC = 10mA
f = 1.KHz
VCE = 5V
IC = 10mA
f = 1.KHz
VCE = 5V
IC = 10mA
f = 1.KHz
VCB = 5V
IE = 10mA
f = 1.KHz
VCE = 10V
IC = 50mA
IC = 150mA VCC = 10V
IB1= 15mA
VBE = -2V
IC = 150mA VCC = 10V
IB1= -IB2 = 15mA
25
45
180
55 x10.6
30
10
60
100
15
40
300
60
—
W
—
mS
pF
MHz
ns
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Pulse
Duration = 300
ms, Duty Cycle = 1%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com