Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP50R380CE Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP50R380CE
Description  500V CoolMOS CE Power Transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP50R380CE Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP50R380CE Datasheet HTML 1Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 2Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 3Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 4Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 5Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 6Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 7Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 8Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
500V CoolMOS™ CE Power Transistor
IPx50R380CE
Thermal characteristics
Final Data Sheet
5
Rev. 2.0, 2010-08-27
3
Thermal characteristics
Table 3
Thermal characteristics TO-220 & TO-262
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
1.5
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
62
leaded
Soldering temperature,
wavesoldering only allowed at
leads
T
sold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s
Table 4
Thermal characteristics TO-220FullPAK
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
4.0
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
80
leaded
Soldering temperature,
wavesoldering only allowed at
leads
T
sold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com