Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPB5038G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5038G
Description  Discrete Line Interface Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5038G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5038G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Discrete Line Interface Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• For Home Networking Bandpass Filter
• Add “-RC” after part number for RoHS Compliant
• Storage Temperature : -40°C to +125°C
• Operating Temperature : 0°C to +70°C
• 2000 Vrms Min. Isolation
• Surface Mount Package
EPB5038G & EPB5038G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5038G & -RC
Rev. 4
10/23/07 RR
Electrical Parameters @ 25°C
Package
Marking:
PCA
EPB5038G(-RC)
Date Code
0°-8°
.035
(.889)
.570
(14.48)
.340
(8.64)
.100
(2.54)
.300
(7.62)
.010/.015
(.254/.381)
Pin 1
I.D.
.440
(11.18)
.470
(11.94)
Pad
Layout
.100
(2.54)
.090
(2.29)
.620
(15.75)
.030
(.762)
.008/.012
(.203/.305)
.018/.022
(.457/.559)
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPB5038G-RC
245°C
2.2443 grams
44 pieces/tube
275 pieces/13” reel
EPB5038G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
2.2443 grams
44 pieces/tube
275 pieces/13” reel
SnPb
Hot Tin Dip (Sn) †
† Lead Material : Ni Barrier over Cu
Schematic
1
2
3
4
5
6
7
8
Pri.
Sec.
1:1:1:1±5%
• Hipot : 2000 Vrms for 1 Min. or 2500 Vrms for 1 Sec. •
DCR
(
Ω ± 25%)
.25
Pri.
Pins 1-4 with
Pins 2-3 Shorted
Sec.
.25
Pins 8-5 with
Pins 7-6 Shorted
Primary OCL
(µH Min.)
120
Pins 1-4 with
Pins 2-3 Shorted
@ 100KHz, 0.1Vrms
6
Interwinding Capacitance
(pF Max.)
Pri. Wdgs to Sec. Wdgs
@ 100KHz, 0.1Vrms
2.0
Leakage Inductance
(µH Max.)
Pins 1-4 with
Pins 2-3, 7-6, 8-5 Shorted
@ 100KHz, 0.1Vrms


Similar Part No. - EPB5038G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5038G PCA-EPB5038G Datasheet
25Kb / 1P
Discrete Line Interface Transformer
More results

Similar Description - EPB5038G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5038G PCA-EPB5038G Datasheet
25Kb / 1P
Discrete Line Interface Transformer
logo
Rhombus Industries Inc.
T-664 RHOMBUS-IND-T-664 Datasheet
42Kb / 1P
HDSL LINE INTERFACE TRANSFORMER
10/13/95
T-1099 RHOMBUS-IND-T-1099 Datasheet
48Kb / 1P
ADSL Line Interface Transformer
6/25/98
T-1140 RHOMBUS-IND-T-1140 Datasheet
34Kb / 1P
ADSL Line Interface Transformer
08/21/98
T-911 RHOMBUS-IND-T-911 Datasheet
41Kb / 1P
HDSL Line Interface Transformer
T-1249 RHOMBUS-IND-T-1249 Datasheet
40Kb / 1P
ADSL LINE INTERFACE TRANSFORMER
7/6/99
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
T-1308 RHOMBUS-IND-T-1308 Datasheet
30Kb / 1P
ADSL Line Interface Transformer
8/23/99
logo
PCA ELECTRONICS INC.
EPD1035GE PCA-EPD1035GE Datasheet
38Kb / 1P
CEP8 Line Interface Transformer
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com