Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUY48 Datasheet(PDF) 2 Page - Seme LAB

Part # BUY48
Description  HIGH VOLTAGE, HIGH CURRENT SILICON EXPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUY48 Datasheet(HTML) 2 Page - Seme LAB

  BUY48 Datasheet HTML 1Page - Seme LAB BUY48 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCB = 80V
BUY47
IE = 0
TC = 125°C
VCB = 100V
BUY48
IE = 0
TC = 125°C
IC = 1mA
BUY47
IE = 0
BUY48
IC = 20mA
BUY47
IB = 0
BUY48
IE = 1mA
IC = 0
IC = 0.5A
IB = 50mA
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 0.5A
IB = 50mA
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 50mA
VCE = 5V
IC = 0.5A
VCE = 5V
IC = 2A
VCE = 5V
IC = 5A
VCE = 5V
IC = 100mA
VCE = 10V
IE = 0
VCB = 50V
f = 1MHz
IC = 5A
VCC = 40V
IB1 = –IB2 = 0.5A
10
1
10
1
150
200
120
170
6
0.05
0.45
1
0.8
1.1
1.5
130
40
150
40
130
15
45
90
45
80
1
2
BUY48
Prelim. 11/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ICBO
Collector Cut-off Current
V(BR)CBO* Collector – Base Breakdown Voltage
VCEO(sus)* Collector – Emitter Sustaining Voltage
VEBO*
Emitter – Base Voltage
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
fT
Transition Frequency
CCBO
Collector – Base Capacitance
ton
Turn–On Time
toff
Fall Time
mA
mA
mA
mA
V
V
V
V
V
—
MHz
pF
ms
ELECTRICAL CHARACTERISTICS
(Tcase = 25°C unless otherwise stated)
NOTES
* Pulse Test: tp = 300ms, d = 1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com