Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1004UK Datasheet(PDF) 1 Page - Seme LAB

Part # D1004UK
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1004UK Datasheet(HTML) 1 Page - Seme LAB

  D1004UK Datasheet HTML 1Page - Seme LAB D1004UK Datasheet HTML 2Page - Seme LAB D1004UK Datasheet HTML 3Page - Seme LAB D1004UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D1004UK
Prelim. 6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
175W
70V
±20V
20A
–65 to 150°C
200°C
MECHANICAL DATA
B
C
A
D
(2 pls)
E
F
G
H
I
J
K
M
N
1
4
3
2
5
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
80W – 28V – 175MHz
SINGLE ENDED
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
•LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 16 dB MINIMUM
DT
PIN 1
SOURCE (COMMON)
PIN 3
SOURCE (COMMON)
PIN 5
DRAIN
PIN 2
GATE
PIN 4
SOURCE (COMMON)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• HF/VHF COMMUNICATIONS
from 1 MHz to 175 MHz
METAL GATE RF SILICON FET
TetraFET
DIM
mm
Tol.
Inches
Tol.
A
6.35 DIA
0.13
0.250 DIA
0.005
B
3.17 DIA
0.13
0.125 DIA
0.005
C
18.41
0.25
0.725
0.010
D
5.46
0.13
0.215
0.005
E
5.21
0.13
0.205
0.005
F
7.62
MAX
0.300
MAX
G
21.59
0.38
0.850
0.015
H
3.94
0.13
0.155
0.005
I
12.70
0.13
0.500
0.005
J
0.13
0.03
0.005
0.001
K
24.76
0.13
0.975
0.005
M
2.59
0.13
0.102
0.005
N
4.06
0.25
0.160
0.010


Similar Part No. - D1004UK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D10040-000 MACOM-D10040-000 Datasheet
607Kb / 11P
14mm Series Metal Oxide Varistors
logo
PREMIER DEVICES, INC.
D10040180GT PDI-D10040180GT Datasheet
143Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 19.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
logo
RF Micro Devices
D10040180GT RFMD-D10040180GT Datasheet
228Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040180GT QORVO-D10040180GT Datasheet
228Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
PREMIER DEVICES, INC.
D10040180GTH PDI-D10040180GTH Datasheet
134Kb / 4P
GaAs Power Doubler, 40 - 1000MHz, 19.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
More results

Similar Description - D1004UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1031UK SEME-LAB-D1031UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com