Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1007UK Datasheet(PDF) 2 Page - Seme LAB

Part # D1007UK
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1007UK Datasheet(HTML) 2 Page - Seme LAB

  D1007UK Datasheet HTML 1Page - Seme LAB D1007UK Datasheet HTML 2Page - Seme LAB D1007UK Datasheet HTML 3Page - Seme LAB D1007UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
D1007UK
Prelim. 6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
70
1
1
17
0.8
13
50
20:1
60
30
2.5
VGS = 0
ID = 100mA
VDS = 28V
VGS = 0
VGS = 20V
VDS = 0
ID = 10mA
VDS = VGS
VDS = 10V
ID = 1A
PO = 40W
VDS = 28V
IDQ = 0.4A
f = 400MHz
VDS = 28V
VGS = –5V f = 1MHz
VDS = 28V
VGS = 0
f = 1MHz
VDS = 28V
VGS = 0
f = 1MHz
V
mA
mA
V
S
dB
%
—
pF
pF
pF
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain–Source
BVDSS
Breakdown Voltage
Zero Gate Voltage
IDSS
Drain Current
IGSS
Gate Leakage Current
VGS(th) Gate Threshold Voltage *
gfs
Forward Transconductance *
GPS
Common Source Power Gain
h
Drain Efficiency
VSWR
Load Mismatch Tolerance
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly
toxic and care must be taken during handling and mounting to avoid damage to this area.
THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
RTHj–case
Thermal Resistance Junction – Case
Max. 1.75°C / W
THERMAL DATA
* Pulse Test:
Pulse Duration = 300
ms , Duty Cycle £ 2%
TOTAL DEVICE
PER SIDE
PER SIDE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com